công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A1696PKHTN-FNLPTYCD bảng dữ liệu(PDF) 9 Page - Allegro MicroSystems

tên linh kiện A1696PKHTN-FNLPTYCD
Giải thích chi tiết về linh kiện  Position Sensor IC with Speed and Direction Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1696PKHTN-FNLPTYCD bảng dữ liệu(HTML) 9 Page - Allegro MicroSystems

Back Button A1696PKHTN-FNLPTYCD Datasheet HTML 5Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 6Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 7Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 8Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 9Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 10Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 11Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 12Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Position Sensor IC with Speed and Direction Output
A1696PKH
9
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Pulse Occurrence Location
The output pulse can be programmed to occur at the target
mechanical features of either polarity, i.e., at the center of mag-
netic north (Option N) or at the center of magnetic south (Option
S) of a ring magnet, and if back-biased with a proper magnet, the
output pulse can be programmed to occur at the center of a tooth
(Option N) or at the center of a valley (Option S) with a ferro-
magnetic target.
Switch Points
The switch points of the A1696 are established dynamically as a
percentage of the amplitude of the internal signal VPROC; see Fig-
ure 5. This is accomplished by using two tracking signals to track
the peaks of each VPROC channel, and the switching thresholds
are established at fixed percentages of the two tracking signals.
Due to the switch point thresholds being established dynamically
as a percentage of the peak-to-peak signal, the effect of a signal
shift is minimized. The position of the output switching thresh-
old on the speed channel is programmable to ensure the most
accurate and consistent output switching. Additionally, it allows
the A1696 to properly detect direction of rotation when used with
targets containing signature regions. A 50% threshold is recom-
mended for standard crank targets, while the other programmable
options allow for functionality on targets with different mechani-
cal geometries.
Operating Modes
STARTUP HYSTERESIS
When the part is powered on, the first mode of operation is
startup hysteresis mode. While in startup hysteresis, the sensor
IC begins to internally detect the magnetic profile of the target.
This operating mode is used to ensure the detected magnetic
signal amplitude exceeds the minimum gauss threshold for the
A1696 algorithm to function properly. The required magnetic
signal amplitude is programmable such that it can be optimized
for the application, (see the Programmable Options Table). A
forward pulse (tW(FWD)) is given if the magnetic signal amplitude
meets the minimum requirements and the part powered on over a
switching feature.
CALIBRATION MODE
Once it is determined that the magnetic signal amplitude meets
the minimum signal requirements, the A1696 begins its calibra-
tion. The calibration period allows the internal signal tracking
algorithms to properly acquire the magnetic signals.
While in calibration mode, direction information is not available.
As a result of this, forward output pulses (tW(FWD)) are always
given on speed channel switch point crossings, independent of
the true target rotation direction. This pulse width is programma-
ble to meet specific application requirements (see Programmable
Options table).
RUNNING MODE
After calibration is complete, the target relative rotation direc-
tion information is available. This information is communicated
through the variable pulse-width protocol. While forward rotation
is indicated with pulses of width tW(FWD), reverse rotation is
indicated with pulses of width tW(REV). The width of the forward
pulse (tW(FWD)) and the reverse pulse (tW(FWD)) can be pro-
grammed for application-specific performance optimization (see
Programmable Options table). Additionally, see the Direction
Detection section for a description of the target’s relative direc-
tion of rotation.
In running mode, signal tracking algorithms are employed,
allowing the A1696 to track signal drift resulting from tempera-
ture changes, as well as the tracking of target variations such as
pole-to-pole variation and runout, while still maintaining high
accuracy output switching.
The A1696 provides a tolerance to vibration during calibration.
If the part satisfies the calibration criteria on target vibration,
the part will recover once normal rotation begins. The vibration
recovery algorithm allows the part to recover within three periods
(pole pairs, tooth-valley pairs). The quantity of consecutive
monodirectional pulses that vibration recovery is available for is
programmable; see Programmable Options table. For the standard
option of 63, once the 63rd consecutive pulse in a single direction
is given, vibration recovery can no longer be tripped until the part
is reset.
Figure 9: Output Pulse Location
N
N
S
S
Switching Feature
S
S
N
N
Switching Feature
Ring Magnet Target
Ring Magnet Target
Option S
Option N
Output Pulse Stream
tW
tW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com