công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A1696PKHTN-FNLPTYCD bảng dữ liệu(PDF) 8 Page - Allegro MicroSystems

tên linh kiện A1696PKHTN-FNLPTYCD
Giải thích chi tiết về linh kiện  Position Sensor IC with Speed and Direction Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1696PKHTN-FNLPTYCD bảng dữ liệu(HTML) 8 Page - Allegro MicroSystems

Back Button A1696PKHTN-FNLPTYCD Datasheet HTML 4Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 5Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 6Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 7Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 8Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 9Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 10Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 11Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Position Sensor IC with Speed and Direction Output
A1696PKH
8
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
Sensing Technology
The sensor IC contains three Hall elements used in three differ-
ential pairs to provide an electrical output signal containing infor-
mation regarding target edge position and direction of rotation.
Target Profiling
After proper power is applied to the sensor IC, it is capable
of providing digital information that is representative of the
mechanical or magnetic features of a rotating target. The wave-
form diagrams in Figure 7 present the automatic translation of
the target profiles, from their induced magnetic profiles to the
digital output signal of the sensor IC. Three differential mag-
netic profiles are used to determine the location of the switching
feature as well as the direction of rotation. While the location of
the switching feature is determined from the differential magnetic
profile (referred to as the speed channel), the direction of rotation
is determined by the relative amplitude comparison of two low
resolution normalized direction channels.
Direction Detection
The sensor IC compares the relative amplitude values of the two
low resolution normalized direction signals at the speed channel
switch point location to determine which direction the target is
rotating. The direction of rotation is then communicated through
the output pulse width. While in calibration mode, direction
information is not available. As a result of this, forward output
pulses (tW(FWD)) are always given in calibration, independent of
the true target rotation direction.
NOTE: For proper functionality, the output must be programmed
such that the signature region is a non-switching feature (see
Application Information section).
The sensor IC can be programmed such that the output will
provide forward pulses (tW(FWD)) when the target rotation is from
pin 1 to pin 3 (Option F) or from pin 3 to pin 1 (Option R). This
is illustrated in Figure 8, with the arrow on the target indicating
direction of rotation.
Figure 7: Magnetic Profile.
The magnetic profile reflects the features of the target, allowing
the sensor IC to present an accurate digital output.
BST
Device Orientation to Target
Package Case Branded Face
Target Magnetic Profile
+B
–B
Mechanical Position (Target moves past device pin 1 to pin 3)
N
S
S
Target
(Radial Ring Magnet)
E1
E2
E3
N
IC Internal Differential Analog Signals, VPROC
Detected Channel Switching
Device Output
Direction
Channel
Direction
Channel
Speed
Channel
Speed
Channel
This pole
sensed earlier
This pole
sensed later
Speed Channel
Element Pitch
(Pin 1 Side)
(Pin 3 Side)
(Top View of
Package Case)
Speed Channel
Element Pitch
Figure 8: Rotation Direction Definitions
Pin 1
Pin 3
N
N
N
S N
S
S
S
Forward pulses (t
) generated for rotation from pin 1 to pin 3
W(FWD)
Pin 1
Pin 3
Rotatin
(Ring magnet or
ferromagnetic)
g Target
Branded Face
of KH Package
Option F
N
N
N
S N
S
S
S
Rotatin
(Ring magnet or
ferromagnetic)
g Target
Option R
Forward pulses (t
W(FWD)) generated for rotation from pin 3 to pin 1
Branded Face
of KH Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com