công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A1696PKHTN-FNLPTYCD bảng dữ liệu(PDF) 5 Page - Allegro MicroSystems

tên linh kiện A1696PKHTN-FNLPTYCD
Giải thích chi tiết về linh kiện  Position Sensor IC with Speed and Direction Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1696PKHTN-FNLPTYCD bảng dữ liệu(HTML) 5 Page - Allegro MicroSystems

  A1696PKHTN-FNLPTYCD Datasheet HTML 1Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 2Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 3Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 4Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 5Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 6Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 7Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 8Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Position Sensor IC with Speed and Direction Output
A1696PKH
5
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS: TA and VCC within specification, unless otherwise noted
Characteristics
Symbol
Note
Min.
Typ.
Max.
Unit
PERFORMANCE CHARACTERISTICS
Switch Point
VPROC(ST)
Speed Channel, Standard target programmable
option; see Figure 5
45
50
55
%Vpk-pk
Speed Channel, Wide tooth target programmable
option; see Figure 5
63.75
68.75
73.75
%Vpk-pk
Internal Hysteresis
VPROC(hys) Speed Channel, one-sided; see Figure 5
–
12.5
–
%Vpk-pk
Relative Repeatability
errθE
Sinusoidal signal with 6-degree period; fIN = 1000 Hz
at 100 Gpk-pk; 3σ; (Standard Target Type Option)
–
–
0.025
degrees
Input LPF Frequency
BW
Multi-pole, –3 dB point
–
15
–
kHz
Operating Frequency
fIN(FWD)
Correct Speed Information (Forward Rotation)
(Option 22 or 45 μs Forward Pulse)
0
–
10
kHz
fIN(REV)
Correct Speed Information
(Reverse Rotation)
Option R45
0
–
10
kHz
Option R90
0
–
6
kHz
Option R130
0
–
4
kHz
Option R180
0
–
3
kHz
Absolute Phase Error During
Calibration
Forward Rotation
–0.25 ×
TTARGET [5]
0.25 ×
TTARGET
–
Reverse Rotation
–0.5 ×
TTARGET
0.5 ×
TTARGET
–
Chopper Frequency
fC
–
250
–
kHz
Stop Mode Timer Period
tSM
Timer interval to initiate Stop Mode; no sensed
magnetic edges
–
5
–
s
Time to First Output Edge
tOUT(init)
After tPO elapses, fIN < 600 rpm
–
TTARGET [4]
–
–
Missed or Extra Output Pulses in
Running Mode
errOUT
–
–
0
output
pulse
Direction Change Recognition
NCD
–
1
–
switching
feature
Mechanical Shift of Switch Point
dST
Distance from target feature center to IC center
when VPROCST occurs
–
0
–
mm
Runout
BSEQ(min) / BSEQ(max), does not include
Signature Region
0.50
–
–
–
[4]
See Figure 4 for the definition of TTARGET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com