công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SZF2002HL bảng dữ liệu(PDF) 39 Page - NXP Semiconductors

tên linh kiện SZF2002HL
Giải thích chi tiết về linh kiện  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002HL bảng dữ liệu(HTML) 39 Page - NXP Semiconductors

Back Button SZF2002HL Datasheet HTML 35Page - NXP Semiconductors SZF2002HL Datasheet HTML 36Page - NXP Semiconductors SZF2002HL Datasheet HTML 37Page - NXP Semiconductors SZF2002HL Datasheet HTML 38Page - NXP Semiconductors SZF2002HL Datasheet HTML 39Page - NXP Semiconductors SZF2002HL Datasheet HTML 40Page - NXP Semiconductors SZF2002HL Datasheet HTML 41Page - NXP Semiconductors SZF2002HL Datasheet HTML 42Page - NXP Semiconductors SZF2002HL Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MLA567
s1...s6
s1...s6 s1...s6 s1...s6 s1...s6 s1...s6 s1...s6
s1...s6 s1...s6
s1...s6 s1...s6 s1...s6
s1...s6 s1...s6
s1...s6
s1...s6 s1...s6 s1...s6 s1...s6
s1...s6
...s6
WRITE TO SBUF
S6P2
D0
D1
D2
D3
D4
D5
D6
D7
S3P1
S6P1
WRITE TO SCON (CLEAR R1)
D0
D1
D2
D3
D4
D5
D6
D7
S5P2
ALE
SEND
SHIFT
RXD (DATA OUT)
TSC (SHIFT CLOCK)
RI
T1
RECEIVE
SHIFT
RXD (DATA IN)
TXD (SHIFT CLOCK)
T
R
A
N
S
M
I
T
R
E
C
E
I
V
E
Fig.18 Serial port Mode 0 timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76