| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SZF2002HL bảng dữ liệu(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SZF2002HL bảng dữ liệu(HTML) 42 Page - NXP Semiconductors |
|
42 / 76 page ![]() 1998 Aug 26 42 Philips Semiconductors Product specification Low voltage 8-bit microcontroller with 6-kbyte embedded RAM SZF2002 Fig.21 Serial port Mode 2. handbook, full pagewidth MGM144 START STOP BIT SHIFT DATA T1 TX CONTROL TX CLOCK SEND 16 serial port interrupt 16 RX CLOCK R1 LOAD SBUF SHIFT RX CONTROL START sample INPUT SHIFT REGISTER (9-BITS) BIT DETECTOR S0 BUFFER INTERNAL BUS READ SBUF SHIFT LOAD SBUF S0 BUFFER ZERO DETECTOR SHIFT D CL S Q TB8 INTERNAL BUS write to SBUF 2 fclk RXD TXD 0 SMOD at PCON.7 1 HIGH-TO-LOW TRANSITION DETECTOR |