công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SZF2002HL bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện SZF2002HL
Giải thích chi tiết về linh kiện  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002HL bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button SZF2002HL Datasheet HTML 9Page - NXP Semiconductors SZF2002HL Datasheet HTML 10Page - NXP Semiconductors SZF2002HL Datasheet HTML 11Page - NXP Semiconductors SZF2002HL Datasheet HTML 12Page - NXP Semiconductors SZF2002HL Datasheet HTML 13Page - NXP Semiconductors SZF2002HL Datasheet HTML 14Page - NXP Semiconductors SZF2002HL Datasheet HTML 15Page - NXP Semiconductors SZF2002HL Datasheet HTML 16Page - NXP Semiconductors SZF2002HL Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
1998 Aug 26
13
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
9.5
Paging logic
The SZF2002 contains paging logic to handle the extended address range.
Table 3
Paging of external memory; notes 1 and 2
Notes
1. During Debug A<17-15> are used to output the bank register. The TRUE_ A15 line is output at the A5 pin.
2. During Debug ROM and RAM access is done via PSEN, WR and RD.
TRUE_A15
(INTERNAL)
BANK SFR [2 : 0]
A<17-15> PINS
BANK
REMARK
0
XXX
000
0
lower 32 kbytes always bank 0
1
000
000
0
bank 0
1
001
001
1
bank 1
1
010
010
2
bank 2
1
011
011
3
bank 3
1
100
100
4
bank 4
1
101
101
5
bank 5
1
110
110
6
bank 6
1
111
111
7
bank 7
Fig.5 The lower 128 bytes of internal RAM.
handbook, halfpage
MGD675
R7
R0
07H
0
R7
R0
0FH
08H
R7
R0
17H
10H
R7
R0
1FH
18H
2FH
7FH
20H
30H
4 banks of 8 registers
(R0 to R7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76