| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SZF2002HL bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SZF2002HL bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 76 page ![]() 1998 Aug 26 4 Philips Semiconductors Product specification Low voltage 8-bit microcontroller with 6-kbyte embedded RAM SZF2002 5 BLOCK DIAGRAM Fig.1 Block diagram. MGM180 RAMCE RST XCLK D0 to D7 A0 to A17 CE OE WE VSS VDDA VSSA VDD RXD TXD P3 P1 T0 T1 INT0 INT1 PARALLEL I/O PORTS AND EXT. BUS SERIAL UART PORT TWO 16-BIT TIMER/ EVENT COUNTERS (T0, T1) 80C51 core excluding ROM/RAM CPU P4 8-BIT I/O PORTS WATCHDOG TIMER (T3) PROGRAM MEMORY DATA MEMORY PWM ADC ADC0 to ADC5 6-KBYTE ROM PWM 6144 + 256 bytes RAM DEBUG EA SZF2002 T2EX T2 16-BIT TIMER/ EVENT COUNTER SDA SCL I2C-BUS INTERFACE INT2 to INT8 3 3 (1) Address lines A0 to A5 have alternative functions during Debug; see Section 7.2. |