công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XPL2 bảng dữ liệu(PDF) 34 Page - Cree LED

tên linh kiện XPL2
Giải thích chi tiết về linh kiện  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREELED [Cree LED]
Trang chủ  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 bảng dữ liệu(HTML) 34 Page - Cree LED

Back Button XPL2 Datasheet HTML 26Page - Cree LED XPL2 Datasheet HTML 27Page - Cree LED XPL2 Datasheet HTML 28Page - Cree LED XPL2 Datasheet HTML 29Page - Cree LED XPL2 Datasheet HTML 30Page - Cree LED XPL2 Datasheet HTML 31Page - Cree LED XPL2 Datasheet HTML 32Page - Cree LED XPL2 Datasheet HTML 33Page - Cree LED XPL2 Datasheet HTML 34Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 23).
•
XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
34
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
Order Codes
Kit
CCT
Flux Bin
Flux (lm)
@ 85 °C
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
E6
3500 K
V4
440
XPLBWT-00-0000-000BV40E6
V3
420
XPLBWT-00-0000-000BV30E6
XPLBWT-00-0000-000HV30E6
V2
400
XPLBWT-00-0000-000HV20E6
U6
380
XPLBWT-00-0000-000HU60E6
U5
360
U4
340
XPLBWT-00-0000-000UU40E6
U3
320
XPLBWT-00-0000-000UU30E6
E7
3000 K
V4
440
XPLBWT-00-0000-000BV40E7
V3
420
XPLBWT-00-0000-000BV30E7
V2
400
XPLBWT-00-0000-000HV20E7
U6
380
XPLBWT-00-0000-000HU60E7
U5
360
U4
340
U3
320
XPLBWT-00-0000-000UU30E7
E8
2700 K
U6
380
XPLBWT-00-0000-000HU60E8
U5
360
XPLBWT-00-0000-000HU50E8
U4
340
U3
320
U2
300
XPLBWT-00-0000-000UU20E8
T6
280
XPLBWT-00-0000-000UT60E8
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com