công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XPL2 bảng dữ liệu(PDF) 33 Page - Cree LED

tên linh kiện XPL2
Giải thích chi tiết về linh kiện  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREELED [Cree LED]
Trang chủ  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 bảng dữ liệu(HTML) 33 Page - Cree LED

Back Button XPL2 Datasheet HTML 26Page - Cree LED XPL2 Datasheet HTML 27Page - Cree LED XPL2 Datasheet HTML 28Page - Cree LED XPL2 Datasheet HTML 29Page - Cree LED XPL2 Datasheet HTML 30Page - Cree LED XPL2 Datasheet HTML 31Page - Cree LED XPL2 Datasheet HTML 32Page - Cree LED XPL2 Datasheet HTML 33Page - Cree LED XPL2 Datasheet HTML 34Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 23).
•
XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
33
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
Order Codes
Kit
CCT
Flux Bin
Flux (lm)
@ 85 °C
No Minimum CRI
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
DV
5700 K
V6
480
XPLBWT-00-0000-
0000V60DV
V5
460
XPLBWT-00-0000-
0000V50DV
XPLBWT-00-0000-
000BV50DV
V4
440
XPLBWT-00-0000-
0000V40DV
XPLBWT-00-0000-
000BV40DV
V3
420
XPLBWT-00-0000-
000HV30DV
V2
400
XPLBWT-00-0000-
000HV20DV
U6
380
XPLBWT-00-0000-
000UU60DV
U5
360
XPLBWT-00-0000-
000UU50DV
E2
5700 K
V6
480
XPLBWT-00-0000-
0000V60E2
V5
460
XPLBWT-00-0000-
0000V50E2
XPLBWT-00-0000-
000BV50E2
V4
440
V3
420
XPLBWT-00-0000-
000HV30E2
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
Order Codes
Kit
CCT
Flux Bin
Flux (lm)
@ 85 °C
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
E3
5000 K
V5
460
XPLBWT-00-0000-000BV50E3
V4
440
V3
420
XPLBWT-00-0000-000HV30E3
E4
4500 K
V5
460
XPLBWT-00-0000-000BV50E4
V4
440
V3
420
XPLBWT-00-0000-000HV30E4
V2
400
U6
380
U5
360
XPLBWT-00-0000-000UU50E4
E5
4000 K
V5
460
XPLBWT-00-0000-000BV50E5
V4
440
XPLBWT-00-0000-000BV40E5
V3
420
XPLBWT-00-0000-000HV30E5
V2
400
XPLBWT-00-0000-000HV20E5
U6
380
U5
360
XPLBWT-00-0000-000UU50E5
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com