công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XPL2 bảng dữ liệu(PDF) 30 Page - Cree LED

tên linh kiện XPL2
Giải thích chi tiết về linh kiện  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREELED [Cree LED]
Trang chủ  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 bảng dữ liệu(HTML) 30 Page - Cree LED

Back Button XPL2 Datasheet HTML 26Page - Cree LED XPL2 Datasheet HTML 27Page - Cree LED XPL2 Datasheet HTML 28Page - Cree LED XPL2 Datasheet HTML 29Page - Cree LED XPL2 Datasheet HTML 30Page - Cree LED XPL2 Datasheet HTML 31Page - Cree LED XPL2 Datasheet HTML 32Page - Cree LED XPL2 Datasheet HTML 33Page - Cree LED XPL2 Datasheet HTML 34Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 23).
•
XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
30
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS
The following order codes are active and valid order codes, but higher performance options are also available. Please see page 3 -
page 4 for order codes of XLamp XP-L2 LEDs that could serve as alternatives for the order codes set forth below.
XP-L2 EasyWhite, T
J = 85 °C
Nominal
CCT
CRI
Minimum
Luminous Flux
@1050 mA
2-Step
3-Step
5-Step
Min
Typ
Flux
Bin
Flux (lm)
@ 85 °C
Group
Order Code
Group
Order Code
Group
Order Code
5000 K
70
V5
460
50E
XPLBWT-00-0000-
000BV550E
80
V3
420
50G
XPLBWT-00-0000-
000HV350G
4500 K
70
V5
460
45E
XPLBWT-00-0000-
000BV545E
80
V3
420
45G
XPLBWT-00-0000-
000HV345G
90
U5
360
45G
XPLBWT-00-0000-
000UU545G
4000 K
70
V5
460
40E
XPLBWT-00-0000-
000BV540E
80
V3
420
40G
XPLBWT-00-0000-
000HV340G
V2
400
XPLBWT-00-0000-
000HV240G
90
U5
360
40H
XPLBWT-00-0000-
000UU540H
40G
XPLBWT-00-0000-
000UU540G
3500 K
70
V4
440
35E
XPLBWT-00-0000-
000BV435E
V3
420
XPLBWT-00-0000-
000BV335E
80
V3
420
35G
XPLBWT-00-0000-
000HV335G
V2
400
XPLBWT-00-0000-
000HV235G
U6
380
XPLBWT-00-0000-
000HU635G
90
U4
340
35H
XPLBWT-00-0000-
000UU435H
35G
XPLBWT-00-0000-
000UU435G
U3
320
XPLBWT-00-0000-
000UU335H
XPLBWT-00-0000-
000UU335G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com