công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XPL2 bảng dữ liệu(PDF) 31 Page - Cree LED

tên linh kiện XPL2
Giải thích chi tiết về linh kiện  XLamp® XP-L2 LEDs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREELED [Cree LED]
Trang chủ  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL2 bảng dữ liệu(HTML) 31 Page - Cree LED

Back Button XPL2 Datasheet HTML 26Page - Cree LED XPL2 Datasheet HTML 27Page - Cree LED XPL2 Datasheet HTML 28Page - Cree LED XPL2 Datasheet HTML 29Page - Cree LED XPL2 Datasheet HTML 30Page - Cree LED XPL2 Datasheet HTML 31Page - Cree LED XPL2 Datasheet HTML 32Page - Cree LED XPL2 Datasheet HTML 33Page - Cree LED XPL2 Datasheet HTML 34Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 23).
•
XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS - CONTINUED
XLAMP® XP-L2 LED
© 2016-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp®,
EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
CLD-DS149
REV 8
31
Nominal
CCT
CRI
Minimum
Luminous Flux
@1050 mA
2-Step
3-Step
5-Step
Min
Typ
Flux
Bin
Flux (lm)
@ 85 °C
Group
Order Code
Group
Order Code
Group
Order Code
3000 K
70
V4
440
30E
XPLBWT-00-0000-
000BV430E
V3
420
XPLBWT-00-0000-
000BV330E
80
V2
400
30G
XPLBWT-00-0000-
000HV230G
U6
380
XPLBWT-00-0000-
000HU630G
90
U3
320
30H
XPLBWT-00-0000-
000UU330H
30G
XPLBWT-00-0000-
000UU330G
U2
300
XPLBWT-00-0000-
000UU230H
XPLBWT-00-0000-
000UU230G
2700 K
80
U6
380
27G
XPLBWT-00-0000-
000HU627G
U5
360
XPLBWT-00-0000-
000HU527G
90
U2
300
27H
XPLBWT-00-0000-
000UU227H
27G
XPLBWT-00-0000-
000UU227G
T6
280
XPLBWT-00-0000-
000UT627H
XPLBWT-00-0000-
000UT627G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com