công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PL75MCS-201 bảng dữ liệu(PDF) 98 Page - List of Unclassifed Manufacturers

tên linh kiện PL75MCS-201
Giải thích chi tiết về linh kiện  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

PL75MCS-201 bảng dữ liệu(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button PL75MCS-201 Datasheet HTML 94Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 95Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 96Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 97Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 98Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 99Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 100Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 101Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
98
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
BELDEN
1672J
COAX
-31
-27
127
11
75
BELDEN
1673A
COAX
_
_
138
36
50
BELDEN
1673J
COAX
*
*
178
37
50
BELDEN
1694A
COAX
-41
-20
282
40
75
BELDEN
1695A
COAX
*
*
235
40
75
BELDEN
1696A
TWINAX
*
-215
240
31
110
BELDEN
1800A
TWINAX
*
-212
184
24
110
BELDEN
1800B
TWINAX
*
-212
180
24
110
BELDEN
1800F
TWINAX
-30
_
216
24
110
BELDEN
1807A
COAX
-5
-4
110
12
75
BELDEN
1808A
COAX
-5
-4
110
12
75
BELDEN
1809A
COAX
-63
-25
234
32
75
BELDEN
1824A
COAX
*
*
200
30
75
BELDEN
1825A
COAX
*
*
200
30
75
BELDEN
1826A
COAX
*
*
200
30
75
BELDEN
1828A
COAX
-41
-20
270
40
75
BELDEN
1829A
COAX
-41
-20
270
40
75
BELDEN
1855A
COAX
*
*
159
22
75
BELDEN
1856A
TRIAX
*
TOO LARGE
363
31
75
BELDEN
1857A
TRIAX
*
TOO LARGE
360
31
75
BELDEN
1858A
TRIAX
*
TOO LARGE
520
64
75
BELDEN
1859A
TRIAX
*
TOO LARGE
420
63
_
BELDEN
1865A
COAX
-22
-9
152
20
75
BELDEN
1880A
TWINAX
*
-212
184
24
_
BELDEN
3072F
TWINAX
*
*
320
46
78
BELDEN
3092A
COAX
-51
*
298
40
75
BELDEN
4-27046-3265
TWINAX
*
_
200
23
_
BELDEN
5339b5
COAX
_
-20
266
40
75
BELDEN
5339Q5
COAX
_
-16
298
40
75
BELDEN
5399B5
COAX
_
-20
270
40
75
BELDEN
5439Q5
COAX
_
*
265
32
75
BELDEN
5539Y5
COAX
_
-22
232
25
93
BELDEN
6139B8
COAX
_
-52
348
64
75
BELDEN
6339Q8
COAX
_
-24
248
40
75
BELDEN
6439C8
COAX
_
*
199
32
75
BELDEN
6439Q8
COAX
_
-23
230
32
75
BELDEN
6539Y8
COAX
_
*
204
25
93
BELDEN
734A1P
COAX
_
*
213
32
75
BELDEN
734D()
COAX
_
-25
_
_
75
BELDEN
734D()T
COAX
_
-25
_
_
75
BELDEN
734D1
COAX
_
-25
235
32
75
BELDEN
735A()
COAX
*
-26
_
_
75
BELDEN
735A()T
COAX
*
-26
_
_
75
BELDEN
735A1
COAX
*
-26
129
16
75
Note: * = Special contact factory
Cable group table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com