công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PL75MCS-201 bảng dữ liệu(PDF) 33 Page - List of Unclassifed Manufacturers

tên linh kiện PL75MCS-201
Giải thích chi tiết về linh kiện  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

PL75MCS-201 bảng dữ liệu(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button PL75MCS-201 Datasheet HTML 29Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 30Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 31Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 32Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 33Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 34Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 35Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 36Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
33
Ø.507
.530
.500
Miniature coax 250 series, mini-bnc plugs & jacks
Ø.437
.643
±.010
Ø.300
.500
.355
Ø.295
.608
.308
.157
.015
.297
.297
.365
.409
.157
.015
.259
.295
.295
.424
.308
Miniature BNC (m-bnc) Coaxial Plug
Straight
75Ω
UPL250-
Miniature BNC (m-bnc) Coaxial
Bulkhead Jack
Straight
75Ω
UBJ250-
Miniature BNC (m-bnc)
Coaxial Circuit Board Jack
Straight
75Ω
UCBJ250
Miniature BNC (m-bnc) Coaxial
Circuit Board Jack
Right Angle
75Ω
UCBRJ250
1 - Refers to Cable Group Table, see pages 91-133. "D" mounting holes are on page 54
1
1
The mini-BNC 250 RF connector series from Trompeter was designed specifically for DS3 telco coaxial central office applications
to allow higher interconnect density while preserving the positive characteristics of the Trompeter full size BNC. In fact, the 250
series provides for higher density of interconnects in a given area.
Part Number
Description
Plating Bulkhead
PCB OA
Mount
Thickness
UPL250-026
Straight plug M-BNC series
ni
n/a
UPL250-025
Straight plug M-BNC series
ni
n/a
UPL250-014
Straight plug M-BNC series
ni
n/a
UPL250-009
Straight plug M-BNC series
ni
n/a
UPLR250-026
Right angle plug M-BNC series
ni
n/a
UPLR250-025
Right angle plug M-BNC series
ni
n/a
UBJ250-026
Bulkhead cable jack
ni
yes
UBJ250-025
Bulkhead cable jack
ni
yes
UCBJ250-G
Straight PCB-mounted jack
au
no
UCBJ250-N
Straight PCB-mounted jack
ni
no
UCBBJ250-G
Straight PCB-mounted jack
au
yes
UCBBJ250-N
Straight PCB-mounted jack
ni
yes
UCBJR250-G
Right angle PCB-mounted jack
au
no
UCBJR250-N
Right angle PCB-mounted jack
ni
no
UCBBJR250-G Right angle PCB-mounted jack
au
yes
UCBBJR250-N Right angle PCB-mounted jack
ni
yes
UCBJE250-1
PCB-edge mounted SMT jack
au
no
0.032
UCBJE250-2
PCB-edge mounted SMT jack
au
no
0.064
UCBBJE250-1 PCB-edge mounted SMT jack
au
yes
0.032
UCBBJE250-2 PCB-edge mounted SMT jack
au
yes
0.064
UAD258
M-BNC jack to M-BNC jack
ni
yes
adapter, Barrel adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com