công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PL75MCS-201 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện PL75MCS-201
Giải thích chi tiết về linh kiện  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

PL75MCS-201 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  PL75MCS-201 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 2Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
5
Trompeter offers a broad line of connectors manufactured to
meet or exceed the Mil-Specs governing twinax connectors.
In fact, Mil-C-49142 was created from the Trompeter con-
centric twinax/triax connector design.
The following information reflects the specification require-
ments for each family of connectors in both twinax and
Twinax/triax connector specifications
MIL-STD-1553B Data Bus
General Specifications Guide
70 Series
80 Series
150 Series
450 Series
Characteristic Requirements
TRB/TRT
TRC/TRN
TRS/TTM
TCS
Nominal Impedance
Non-constant
Non-constant
Non-constant
Non-constant
Frequency Range
0-500 MHz
0-500 MHz
0-500 MHz
0-2 MHz
Voltage Rating (max.) @ sea level
400 VRMS
500 VRMS
400 VRMS
900 VRMS
Voltage Rating (max.) @ 70,000 ft.
100 VRMS
125 VRMS
100 VRMS
N/A
Insulation Resistance
5000 MΩ
5000 MΩ
5000 MΩ
5000 MΩ
Dielectric Withstanding Voltage
1200 VRMS
1500 VRMS
1200 VRMS
900 VAC
(between center cond. & inter. cond.)
Dielectric Withstanding Voltage
500 VRMS
500 VRMS
500 VRMS
N/A
(between inter. cond. & outer cond.)
RF High Potential Withstanding Voltage
800 VRMS
1000 VRMS
500 VRMS
900 VAC @ 60 Hz
(between center cond. & inter. cond.)
RF High Potential Withstanding Voltage
200 VRMS
350 VRMS
125 VRMS
N/A
(between inter. & outer cond.)
@ 5-7.5 MHz
@ 5-7.5 MHz
Specifications continued on page 6...
* Specifications are minimum unless otherwise stated. Trompeter connectors are designed to exceed all minimum specifications.
triax applications. Use this chart to determine the proper
connector type to be used in your application, based on the
environment and electrical requirements of your design.
Trompeter's technical support staff is available to answer any
specification questions you may have.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com