công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PL75MCS-201 bảng dữ liệu(PDF) 102 Page - List of Unclassifed Manufacturers

tên linh kiện PL75MCS-201
Giải thích chi tiết về linh kiện  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

PL75MCS-201 bảng dữ liệu(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button PL75MCS-201 Datasheet HTML 98Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 99Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 100Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 101Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 102Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 103Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 104Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 105Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 106Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
102
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
CANARE
V3-5CFB
COAX
_
-24
256
41
75
CANARE
V4-1.5C
COAX
-5
-4
102
11
75
CANARE
V4-3C
COAX
-21
*
173
21
75
CANARE
V4-3CFB
COAX
-21
*
173
26
75
CANARE
V4-4CFB
COAX
*
*
197
31
75
CANARE
V4-5C
COAX
-52
*
237
31
75
CANARE
V4-5CFB
COAX
_
-24
256
41
75
CANARE
V5-1.5C
COAX
-5
-4
102
11
75
CANARE
V5-3C
COAX
-21
*
173
21
75
CANARE
V5-3CFB
COAX
-21
*
173
26
75
CANARE
V5-4CFB
COAX
*
*
197
31
75
CANARE
V5-5C
COAX
-52
*
237
31
75
CANARE
V5-5CFB
COAX
_
-24
256
41
75
CANFORD
36-332 VCM RED
COAX
_
*
145
20
75
CANFORD
PSF 1/3
COAX
-2B
-15
250
24
75
CANFORD VIDEO
BBC PSF1/2M
COAX
_
-16
295
32
75
CANFORD VIDEO
BBC PSF1/3M
COAX
-2B
-15
252
24
75
CAROL
C5770
COAX
-2
-22
238
26
_
CAROL
C5779
COAX
*
-11
190
40
50
CAROL
C8000
TWINAX
-8
_
326
36
_
CASCO
2C227NPCSN
TWINAX
-45
_
_
_
_
CCI
2592A
COAX
-2
-13
242
25
73
CDT
CT100
COAX
-34
-24
253
39
75
CDT
CT100(RBS)
COAX
-6E
*
315
39
75
CHAMPLAIN
11-02789
TWINAX
*
-221
160
30
_
CHAMPLAIN
51-04496
TWINAX
-47
_
_
_
_
CHAMPLAIN
81-00440
TWINAX
-27
*
118
19
_
CHAMPLAIN
81-00544
120
*
136
21
TWINAX
CHAMPLAIN
NDBC-TFE-22-2SJ-75
TWINAX
-45
*
160
31
75
CHRYSLER TECHNOLOGIES
JW000043
TWINAX
_
*
168
25
77
CLARK
CV7559
COAX
-2
-14
242
32
75
CLARK WIRE
RG6-SD
COAX
-41
-20
275
41
75
CLARK WIRE & CABLE
CV752-PLEN
COAX
*
*
278
32
_
CLARK WIRE & CABLE
CV75SM
COAX
*
-9
157
18
_
CLARK WIRE & CABLE
TV559
TRIAX
*
_
360
30
75
CLARK WIRE & CABLE
TV7559
TRIAX
*
*
360
31
_
CLARK WIRE & CABLE
CV7559
COAX
_
-14
242
32
75
COAXCO
1102
TRIAX
*
_
145
19
_
COAXCO
1258
COAX
-44
*
84
13
_
COAXCO
0592-18
TRIAX
-23
*
138
21
_
COAXCO
33-1010-00-02
TRIAX
-23
*
144
24
75
COAXCO
33-1102-00-02
TRIAX
-23
_
142
21
_
COAXCO
33-1102-00-99
TRIAX
-23
*
144
21
_
COLEMAN
99901
COAX
_
-51
348
64
75
Note: * = Special contact factory
Cable group table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com