công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP112BIDRLR bảng dữ liệu(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMP112BIDRLR
Giải thích chi tiết về linh kiện  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112BIDRLR bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button TMP112BIDRLR Datasheet HTML 24Page - Texas Instruments TMP112BIDRLR Datasheet HTML 25Page - Texas Instruments TMP112BIDRLR Datasheet HTML 26Page - Texas Instruments TMP112BIDRLR Datasheet HTML 27Page - Texas Instruments TMP112BIDRLR Datasheet HTML 28Page - Texas Instruments TMP112BIDRLR Datasheet HTML 29Page - Texas Instruments TMP112BIDRLR Datasheet HTML 30Page - Texas Instruments TMP112BIDRLR Datasheet HTML 31Page - Texas Instruments TMP112BIDRLR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The TMP112 family is used to measure the PCB temperature of the board location where the device is mounted.
The programmable address options allow up to four locations on the board to be monitored on a single serial
bus.
8.2 Typical Application
SCL
GND
ALERT
2
4
1
ADD0
V+
6
3
5
0.01 µF
Two-Wire
Host Controller
TMP112
1.4 V to 3.6 V
SDA
Pullup Resistors
Supply Bypass
Capacitor
Supply Voltage
5 k
Note
The SCL, SDA, and ALERT pins require pullup resistors.
Figure 8-1. Typical Connections (SOT563-6 Package)
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com