công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP112BIDRLR bảng dữ liệu(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMP112BIDRLR
Giải thích chi tiết về linh kiện  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112BIDRLR bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button TMP112BIDRLR Datasheet HTML 15Page - Texas Instruments TMP112BIDRLR Datasheet HTML 16Page - Texas Instruments TMP112BIDRLR Datasheet HTML 17Page - Texas Instruments TMP112BIDRLR Datasheet HTML 18Page - Texas Instruments TMP112BIDRLR Datasheet HTML 19Page - Texas Instruments TMP112BIDRLR Datasheet HTML 20Page - Texas Instruments TMP112BIDRLR Datasheet HTML 21Page - Texas Instruments TMP112BIDRLR Datasheet HTML 22Page - Texas Instruments TMP112BIDRLR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
7.3.2.7 High-Speed (Hs) Mode
For the two-wire bus to operate at frequencies above 400 kHz, the master device must issue a Hs-mode master
code (0000 1xxx) as the first byte after a START condition to switch the bus to high-speed operation. The
TMP112 family does not acknowledge this byte, but switches the input filters on the SDA and SCL pins and
the output filters on the SDA pin to operate in Hs-mode, thus allowing transfers at up to 2.85 MHz. After the
Hs-mode master code has been issued, the master transmits a two-wire slave address to initiate a data-transfer
operation. The bus continues to operate in Hs-mode until a STOP condition occurs on the bus. Upon receiving
the STOP condition, the TMP112 family switches the input and output filters back to fast-mode operation.
7.3.2.8 Timeout Function
The TMP112 family resets the serial interface if the SCL pin is held low for 30 ms (typical) between a start
and stop condition. The TMP112 family releases the SDA line if the SCL pin is pulled low and waits for a start
condition from the host controller. To avoid activating the timeout function, maintain a communication speed of at
least 1 kHz for SCL operating frequency.
7.3.2.9 Timing Diagrams
The TMP112 family is two-wire, SMBus and I2C interface-compatible. Figure 7-4 to Figure 7-6 describe the
various operations on the TMP112 family. Bus definitions are:
Bus Idle: Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line, from high to low, when the SCL line is high, defines
a START condition. Each data transfer is initiated with a START condition.
Stop Data Transfer: A change in the state of the SDA line from low to high when the SCL line is high defines a
STOP condition. Each data transfer is terminated with a repeated START or STOP condition.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the master device. The TMP112 family can also be used for single byte updates. To update
only the MS byte, terminate the communication by issuing a START or STOP communication on the bus.
Acknowledge: Each receiving device, when addressed, is obliged to generate an Acknowledge bit. A device
that acknowledges must pull down the SDA line during the Acknowledge clock pulse in such a way that the SDA
line is stable low during the high period of the Acknowledge clock pulse. Setup and hold times must be taken into
account. On a master receive, the termination of the data transfer can be signaled by the master generating a
Not-Acknowledge ('1') on the last byte that has been transmitted by the slave.
7.3.2.9.1 Two-Wire Timing Diagrams
www.ti.com
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com