| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LR4102 bảng dữ liệu(PDF) 8 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LR4102 bảng dữ liệu(HTML) 8 Page - LSI Computer Systems |
|
8 / 32 page ![]() 8 TinyRISC LR4102 Microprocessor Trap Instructions (Cont.) TEQI Trap if Equal Immediate TLTI Trap if Less Than Immediate TGE Trap if Greater Than or Equal TLTIU Trap if Less Than Immediate Unsigned TGEI Trap if Greater Than or Equal Immediate TLTU Trap if Less Than Unsigned TGEIU Trap if Greater Than or Equal Immediate Unsigned TNE Trap if Not Equal TGEU Trap if Greater Than or Equal Unsigned TNEI Trap If Not Equal Immediate EJTAG Debug Instructions SDBBP Software Debug Breakpoint DERET Debug Exception Return 1. LR4102/EZ4102-specific instruction. Table 2 Unimplemented Instructions Summary Unimplemented MIPS II Instructions COP1 All floating-point instructions ERET Exception Return LL Load Linked Word LDCz Load Doubleword to Coprocessor SC Store Conditional Word SDCz Store Doubleword to Coprocessor Table 1 LR4102 32-Bit Instruction Set Summary (Cont.) (Sheet 4 of 4) |