công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IA186EM-PQF100I-R bảng dữ liệu(PDF) 86 Page - InnovASIC, Inc

tên linh kiện IA186EM-PQF100I-R
Giải thích chi tiết về linh kiện  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INNOVASIC [InnovASIC, Inc]
Trang chủ  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R bảng dữ liệu(HTML) 86 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 82Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 83Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 84Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 85Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 86Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 87Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 88Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 89Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 90Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
mod field (Modifier Field)
mod
Description
11
r/m is treated as a register field
00
DISP = 0, disp-low and disp-high are absent - address displacement is 0.
01
DISP = disp-low sign-extended to 16-bits, disp-high is absent.
10
DISP = disp-high: disp-low.
aux field (Auxiliary Field)
aux
If mod = 11 and word = 0
If mod = 11 and word = 1
000
AL
AX
001
CL
CX
010
DL
DX
011
BL
BX
100
AH
SP
101
CH
BP
110
DH
SI
111
BH
DI
When mod
$ 11, depends on instruction
r/m field
r/m
Description
000
EA = (BX) + (SI) + DISP [where EA is the Effective Address]
001
EA = (BX) + (DI) + DISP
010
EA = (BP) + (SI) + DISP
011
EA = (BX) + (DI) + DISP
100
EA = (SI) + DISP
101
EA = (DI) + DISP
110
EA = (BP) + DISP [except if mod = 00, then EA = disp-high: disp-low]
111
EA = (BX) + DISP
Displacement
The displacement is an 8 or 16 bit value added to the offset portion of the address.
Immediate
The immediate bytes consist of up to 16 bits of immediate data.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More