công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MWCT2012AVLH bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện MWCT2012AVLH
Giải thích chi tiết về linh kiện  Supports MWCT20D2AVLH, MWCT2012AVLH and MWCT20D2VLH
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2012AVLH bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button MWCT2012AVLH Datasheet HTML 3Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 4Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 5Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 6Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 7Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 8Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 9Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 10Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
1.2 56800EX 32-bit Digital Signal Controller (DSC) core
• Efficient 32-bit 56800EX Digital Signal Processor (DSP) engine with modified
dual Harvard architecture:
• Three internal address buses
• Four internal data buses: two 32-bit primary buses, one 16-bit secondary data
bus, and one 16-bit instruction bus
• 32-bit data accesses
• Supports concurrent instruction fetches in the same cycle, and dual data
accesses in the same cycle
• 20 addressing modes
• 162 basic instructions
• Instruction set supports both fractional arithmetic and integer arithmetic
• 32-bit internal primary data buses support 8-bit, 16-bit, and 32-bit data movement,
plus addition, subtraction, and logical operations
• Single-cycle 16 × 16-bit -> 32-bit and 32 x 32-bit -> 64-bit multiplier-
accumulator (MAC) with dual parallel moves
• 32-bit arithmetic and logic multi-bit shifter
• Four 36-bit accumulators, including extension bits
• Parallel instruction set with unique DSP addressing modes
• Hardware DO and REP loops
• Bit reverse address mode, which effectively supports DSP and Fast Fourier
Transform algorithms
• Full shadowing of the register stack for zero-overhead context saves and restores:
nine shadow registers correspond to nine address registers (R0, R1, R2, R3, R4,
R5, N, N3, M01)
• Instruction set supports both DSP and controller functions
• Controller-style addressing modes and instructions enable compact code
• Enhanced bit manipulation instruction set
• Efficient C compiler and local variable support
• Software subroutine and interrupt stack, with the stack's depth limited only by
memory
• Priority level setting for interrupt levels
• JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, real-time
debugging that is independent of processor speed
Overview
MWCT2xx2A, Rev. 2, 12/2023
7
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com