| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MWCT2012AVLH bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MWCT2012AVLH bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 76 page ![]() Table 2. Signal descriptions (continued) Signal Name 64 LQFP State During Reset Type Signal Description GPIOA7 9 Input Input/ Output GPIO Port A7 — After reset, the default state is GPIOA7. (ANA7 & CMPD_IN3) Input ANA7 — ADCA input channel 7. CMPD_IN3 — Analog comparator D input 3. When used as an analog input, the signal goes to ANA7 and CMPD_IN3.1 GPIOB0 24 Input Input/ Output GPIO Port B0 — After reset, the default state is GPIOB0. (ANB0 & CMPB_IN3 & OPAMPB_IN3) Input ANB0 — ADCB input channel 0. CMPB_IN3 — Analog comparator B input 3. OPAMPB_IN3 — Operational amplifier B input 3. When used as an analog input, the signal goes to ANB0 and CMPB_IN3 and OPAMPB_IN3.1 GPIOB1 25 Input Input/ Output GPIO Port B1 — After reset, the default state is GPIOB1. (ANB1 & CMPB_IN0 & OPAMPB_IN0) Input ANB1 — ADCB input channel 1. CMPB_IN0 —Analog comparator B input 0. OPAMPB_IN0 — Operational amplifier B input 0. When used as an analog input, the signal goes to ANB1 and CMPB_IN0 and OPAMPB_IN0.1 GPIOB2 27 Input Input/ Output GPIO Port B2 — After reset, the default state is GPIOB2. (ANB2 & VREFHB & CMPC_IN3) Input ANB2 — ADCB input channel 2. VREFHB — ADCB analog reference high. CMPC_IN3 — Analog comparator C input 3. When used as an analog input, the signal goes to ANB2 (or VREFHB) and CMPC_IN3.1 NOTE: ADC input can be configured as either ANB2 or VREFHB in the ADC Calibration Register. GPIOB3 28 Input Input/ Output GPIO Port B3 — After reset, the default state is GPIOB3. (ANB3 & VREFLB & CMPC_IN0) Input ANB3 — ADCB input channel 3. VREFLB — ADCB analog reference low. CMPC_IN0 _ Analog comparator C input 0. When used as an analog input, the signal goes to ANB3 (or VREFHB) and CMPC_IN0.1 NOTE: ADC input can be configured as either ANB3 or VREFLB in the ADC Calibration Register. Table continues on the next page... Signal and pin descriptions MWCT2xx2A, Rev. 2, 12/2023 21 NXP Semiconductors |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |