| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MWCT2012AVLH bảng dữ liệu(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MWCT2012AVLH bảng dữ liệu(HTML) 22 Page - NXP Semiconductors |
|
22 / 76 page ![]() Table 2. Signal descriptions (continued) Signal Name 64 LQFP State During Reset Type Signal Description GPIOB4 21 Input Input/ Output GPIO Port B4 — After reset, the default state is GPIOB4. (ANB4 & CMPC_IN1) Input ANB4 — ADCB input channel 4. CMPC_IN1 — Analog comparator C input 1. When used as an analog input, the signal goes to ANB4 and CMPC_IN1.1 GPIOB5 20 Input Input/ Output GPIO Port B5 — After reset, the default state is GPIOB5. (ANB5 & CMPC_IN2) Input ANB5 — ADCB input channel 5. CMPC_IN2 — Analog comparator C input 2. When used as an analog input, the signal goes to ANB5 and CMPC_IN2.1 GPIOB6 19 Input Input/ Output GPIO Port B6 — After reset, the default state is GPIOB6. (ANB6 & CMPB_IN1 & OPAMPB_IN1) Input ANB6 — ADCB input channel 6. CMPB_IN1 — Analog comparator B input 1. OPAMPB_IN1 — Operational amplifier B input 1. When used as an analog input, the signal goes to ANB6 and CMPB_IN1 and OPAMPB_IN1. 1 GPIOB7 17 Input Input/ Output GPIO Port B7 — After reset, the default state is GPIOB7. (ANB7 & CMPB_IN2 & OPAMPB_IN2) Input ANB7 — ADCB input channel 7. CMPB_IN2 — Analog comparator B input 2. OPAMPB_IN2 — Operational amplifier B input 2. When used as an analog input, the signal goes to ANB7 and CMPB_IN2 and OPAMPB_IN2.1 GPIOC0 3 Input Input/ Output GPIO Port C0 — After reset, the default state is GPIOC0. (EXTAL) Input External crystal oscillator input (EXTAL) connects the internal crystal oscillator input to an external crystal or ceramic resonator. (CLKIN0) Input External clock input 0 to OCCS. NOTE: If this pin is selected as the device’s external clock input, then both SIM_GPSCL[C0] bit in SIM and OSCTL1[EXT_SEL] bit in OCCS must be set. The crystal oscillator should be powered down. GPIOC1 4 Input Input/ Output GPIO Port C1 — After reset, the default state is GPIOC1. Table continues on the next page... Signal and pin descriptions 22 MWCT2xx2A, Rev. 2, 12/2023 NXP Semiconductors |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |