công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MWCT2012AVLH bảng dữ liệu(PDF) 29 Page - NXP Semiconductors

tên linh kiện MWCT2012AVLH
Giải thích chi tiết về linh kiện  Supports MWCT20D2AVLH, MWCT2012AVLH and MWCT20D2VLH
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2012AVLH bảng dữ liệu(HTML) 29 Page - NXP Semiconductors

Back Button MWCT2012AVLH Datasheet HTML 25Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 26Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 27Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 28Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 29Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 30Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 31Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 32Page - NXP Semiconductors MWCT2012AVLH Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
3 Signal groups
The input and output signals of this device are organized into functional groups, as
detailed in the following table.
Table 3. Functional Group Pin Allocations
Functional Group
Number of
Pins
64LQFP
Power Inputs (VDD, VDDA), Power output( VCAP)
6
Ground (VSS, VSSA)
4
Reset
1
eFlexPWM outputs high resolution PWM
8
eFlexPWM outputs without high resolution PWM
6
Queued Serial Peripheral Interface (QSPI0) ports
5
Queued Serial Communications Interface (QSCI0 and QSCI1 ) ports
10
Inter-Integrated Circuit Interface (LPI2C0 and LPI2C1 ) ports
10
12-bit Analog-to-Digital Converter (ADC) inputs
16
Analog Comparator inputs/outputs
17/6
Analog Operational Amplifier inputs/outputs
8/2
12-bit Digital-to-Analog output
1
Quad Timer Module (TMR) ports
4
Inter-Module Crossbar inputs/outputs
17/19
Clock inputs/outputs
2/2
JTAG / Enhanced On-Chip Emulation (EOnCE)
4
4 Pinout
4.1 Signal Multiplexing and Pin Assignments
The following table shows the signals available on each pin and the locations of these
pins on the devices supported by this document. The Port Control Module is
responsible for selecting which ALT functionality is available on each pin.
64
LQFP
Pin Name
Default
ALT0
ALT1
ALT2
ALT3
1
TCK
TCK
GPIOD2
Signal groups
MWCT2xx2A, Rev. 2, 12/2023
29
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com