công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADMFM2000ABVZ bảng dữ liệu(PDF) 27 Page - Analog Devices

tên linh kiện ADMFM2000ABVZ
Giải thích chi tiết về linh kiện  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000ABVZ bảng dữ liệu(HTML) 27 Page - Analog Devices

Back Button ADMFM2000ABVZ Datasheet HTML 20Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 21Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 22Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 23Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 24Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 25Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 26Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 27Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
ADMFM2000
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 27 of 28
LAYOUT RECOMMENDATIONS
Solder the ground balls on the underside of the ADMFM2000 to
a low thermal and electrical impedance connection. Utilize multi-
ple ground vias throughout the ground plane on the ADMFM2000-
EVALZ to maximize heat dissipation from the device package.
Referring to the layout shown in Figure 62, the green dots with PCB
traces attached are the inputs and outputs of the ADMFM2000.
The gray dots are the ground vias, and the gray dots that are
encircled in red are vias either to the power plane or vias for
digital control. For more information on the ADMFM2000-EVALZ,
visit www.analog.com/EVAL-ADMF2000.
Ensure that the decoupling capacitors are located as close as
possible to the supply voltage balls.
Figure 62. Evaluation Board Layout for the ADMFM2000-EVALZ, Top View
(Through the ADMFM2000)
VENT HOLE
The ADMFM2000 package contains a vent hole on the top of the
metal lid. Keep this vent hole open during the ADMFM2000-EVALZ
reflow process and cover it with Kapton tape during board wash.
After board washing, remove the Kapton tape. When the fully
assembled PCB is either in storage or operation, the vent hole
must be left open and a gas-permeable tape is recommended for
protecting the ADMFM2000 from moisture and water. If a heatsink
is added on the top of the package, the hole must not be blocked so
that air can circulate.
POWER MANAGEMENT RECOMMENDATIONS
The ADMFM2000 has three voltage supplies, two +5 V supplies
and a −5 V supply, and each supply has different maximum current
requirements. To supply both voltages to several ADMFM2000
devices, follow the power management recommendations detailed
within this section and shown in Figure 63. A 12 V supply is
assumed available in the application, and this supply is used as the
input voltage for two LT8627SP (+5 V) devices and one LTM8074
(−5 V) device.
Figure 63. Power Management
For the two 5 V supplies, the voltage steps down from 12 V to
5 V with the LT8627SP. For the −5 V supply, the voltage steps
down from +12 V to −5 V with the LTM8074. The LT8627SP output
can drive the two 5 V supplies of up to 32 ADMFM2000 devices.
The maximum expected 5 V current on one LT8627SP for the LO
driver supplies is 267 mA per ADMFM2000 device, totaling 8.54 A
for the 32 LO driver inputs. The maximum expected 5 V current
on the second LT8627SP for the LNA supplies is 289 mA per
ADMFM2000 device, totaling 9.25 A for the 32 LO driver inputs.
For the −5 V supply, the voltage steps down from 12 V to −5 V
using the LTM8074. The maximum expected −5 V current is 16 mA
per ADMFM2000 device, totaling 512 mA for the 32 ADMFM2000
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com