công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 394 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 394 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 390Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 391Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 392Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 393Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 394Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 395Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 396Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 397Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 398Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 1036 page
background image
Chapter 10 XGATE (S12XGATEV3)
MC9S12XE-Family Reference Manual , Rev. 1.07
394
Freescale Semiconductor
10.8.3
Cycle Notation
Table 10-22 show the XGATE access detail notation. Each code letter equals one XGATE cycle. Each
letter implies additional wait cycles if memories or peripherals are not accessible. Memories or peripherals
are not accessible if they are blocked by the S12X_CPU. In addition to this Peripherals are only accessible
every other XGATE cycle. Uppercase letters denote 16 bit operations. Lowercase letters denote 8 bit
operations. The XGATE is able to perform two bus or wait cycles per S12X_CPU cycle.
10.8.4
Thread Execution
When the RISC core is triggered by an interrupt request (see Figure 10-1) it first executes a vector fetch
sequence which performs three bus accesses:
1. A V-cycle to fetch the initial content of the program counter.
2. A V-cycle to fetch the initial content of the data segment pointer (R1).
3. A P-cycle to load the initial opcode.
Afterwards a sequence of instructions (thread) is executed which is terminated by an "RTS" instruction. If
further interrupt requests are pending after a thread has been terminated, a new vector fetch will be
performed. Otherwise the RISC core will either resume a previous thread (beginning with a P-cycle to
refetch the interrupted opcode) or it will become idle until a new interrupt request is received. A thread can
only be interrupted by an interrupt request of higher priority.
10.8.5
Instruction Glossary
This section describes the XGATE instruction set in alphabetical order.
Table 10-22. Access Detail Notation
V
— Vector fetch: always an aligned word read, lasts for at least one RISC core cycle
P
— Program word fetch: always an aligned word read, lasts for at least one RISC core cycle
r
— 8 bit data read: lasts for at least one RISC core cycle
R
— 16 bit data read: lasts for at least one RISC core cycle
w
— 8 bit data write: lasts for at least one RISC core cycle
W
— 16 bit data write: lasts for at least one RISC core cycle
A
— Alignment cycle: no read or write, lasts for zero or one RISC core cycles
f
— Free cycle: no read or write, lasts for one RISC core cycles
Special Cases
PP/P
— Branch: PP if branch taken, P if not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com