công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 378 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 378 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 374Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 375Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 376Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 377Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 378Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 379Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 380Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 381Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 382Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 1036 page
background image
Chapter 10 XGATE (S12XGATEV3)
MC9S12XE-Family Reference Manual , Rev. 1.07
378
Freescale Semiconductor
10.4.2
Programmer’s Model
Figure 10-22. Programmer’s Model
The programmer’s model of the XGATE RISC core is shown in Figure 10-22. The processor offers a set
of seven general purpose registers (R1 - R7), which serve as accumulators and index registers. An
additional eighth register (R0) is tied to the value “$0000”. Registers R1 and R7 have additional
functionality. R1 is preloaded with the initial data pointer of the channel’s service request vector (see
Figure 10-23). R7 is either preloaded with the content of XGISP74 if the interrupt priority of the current
channel is in the range 7 to 4, or it is with preloaded the content of XGISP31 if the interrupt priority of the
current channel is in the range 3 to 1. The remaining general purpose registers will be reset to an
unspecified value at the beginning of each thread.
The 16 bit program counter allows the addressing of a 64 kbyte address space.
The condition code register contains four bits: the sign bit (S), the zero flag (Z), the overflow flag (V), and
the carry bit (C). The initial content of the condition code register is undefined.
10.4.3
Memory Map
The XGATE’s RISC core is able to access an address space of 64K bytes. The allocation of memory blocks
within this address space is determined on chip level. Refer to the S12X_MMC Section for a detailed
information.
The XGATE vector block assigns a start address and a data pointer to each XGATE channel. Its position
in the XGATE memory map can be adjusted through the XGVBR register (see Section 10.3.1.7, “XGATE
Vector Base Address Register (XGVBR)”). Figure 10-23 shows the layout of the vector block. Each vector
consists of two 16 bit words. The first contains the start address of the service routine. This value will be
loaded into the program counter before a service routine is executed. The second word is a pointer to the
service routine’s data space. This value will be loaded into register R1 before a service routine is executed.
R7
R6
R5
R4
R3
R2
R1
R0 = 0
VC
Register Block
Program Counter
Condition
Code
Register
15
15
15
15
15
15
15
15
0
0
0
0
0
0
0
0
1 0
(Data Pointer)
PC
15
0
NZ
3 2
(Stack Pointer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com