công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 362 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 362 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 358Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 359Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 360Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 361Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 362Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 363Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 364Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 365Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 366Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 1036 page
background image
Chapter 10 XGATE (S12XGATEV3)
MC9S12XE-Family Reference Manual , Rev. 1.07
362
Freescale Semiconductor
4
XGSS
XGATE Single Step — This bit forces the execution of a single instruction.1
Read:
0 No single step in progress
1 Single step in progress
Write
0 No effect
1 Execute a single RISC instruction
Note: Invoking a Single Step will cause the XGATE to temporarily leave Debug Mode until the instruction has
been executed.
3
XGFACT
Fake XGATE Activity — This bit forces the XGATE to flag activity to the MCU even when it is idle. When it is set
the MCU will never enter system stop mode which assures that peripheral modules will be clocked during XGATE
idle periods
Read:
0 XGATE will only flag activity if it is not idle or in debug mode.
1 XGATE will always signal activity to the MCU.
Write:
0 Only flag activity if not idle or in debug mode.
1 Always signal XGATE activity.
1
XGSWEF
XGATE Software Error Flag — This bit signals a software error. It is set whenever the RISC core detects an
error condition2. The RISC core is stopped while this bit is set. Clearing this bit will terminate the current thread
and cause the XGATE to become idle.
Read:
0 No software error detected
1 Software error detected
Write:
0 No effect
1 Clears the XGSWEF bit
0
XGIE
XGATE Interrupt Enable — This bit acts as a global interrupt enable for the XGATE module
Read:
0 All outgoing XGATE interrupts disabled (except software error interrupts)
1 All outgoing XGATE interrupts enabled
Write:
0 Disable all outgoing XGATE interrupts (except software error interrupts)
1 Enable all outgoing XGATE interrupts
1 Refer to Section 10.6.1, “Debug Features”
2 Refer to Section 10.4.5, “Software Error Detection”
Table 10-1. XGMCTL Field Descriptions (Sheet 3 of 3)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com