công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 350 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 350 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 346Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 347Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 348Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 349Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 350Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 351Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 352Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 353Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 354Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 1036 page
background image
Chapter 9 Security (S12XE9SECV2)
MC9S12XE-Family Reference Manual , Rev. 1.07
350
Freescale Semiconductor
9.1.4.1
Normal Single Chip Mode (NS)
•
Background debug module (BDM) operation is completely disabled.
•
Execution of Flash and EEPROM commands is restricted. Please refer to the NVM block guide for
details.
•
Tracing code execution using the DBG module is disabled.
•
Debugging XGATE code (breakpoints, single-stepping) is disabled.
9.1.4.2
Special Single Chip Mode (SS)
•
BDM firmware commands are disabled.
•
BDM hardware commands are restricted to the register space.
•
Execution of Flash and EEPROM commands is restricted. Please refer to the NVM block guide for
details.
•
Tracing code execution using the DBG module is disabled.
•
Debugging XGATE code (breakpoints, single-stepping) is disabled.
Special single chip mode means BDM is active after reset. The availability of BDM firmware commands
depends on the security state of the device. The BDM secure firmware first performs a blank check of both
the Flash memory and the EEPROM. If the blank check succeeds, security will be temporarily turned off
and the state of the security bits in the appropriate Flash memory location can be changed If the blank
check fails, security will remain active, only the BDM hardware commands will be enabled, and the
accessible memory space is restricted to the peripheral register area. This will allow the BDM to be used
to erase the EEPROM and Flash memory without giving access to their contents. After erasing both Flash
memory and EEPROM, another reset into special single chip mode will cause the blank check to succeed
and the options/security byte can be programmed to “unsecured” state via BDM.
While the BDM is executing the blank check, the BDM interface is completely blocked, which means that
all BDM commands are temporarily blocked.
9.1.4.3
Expanded Modes (NX, ES, EX, and ST)
•
BDM operation is completely disabled.
•
Internal Flash memory and EEPROM are disabled.
•
Execution of Flash and EEPROM commands is restricted. Please refer to the FTM block guide for
details.
•
Tracing code execution using the DBG module is disabled.
•
Debugging XGATE code (breakpoints, single-stepping) is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com