công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 289 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 289 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 285Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 286Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 287Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 288Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 289Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 290Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 291Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 292Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 293Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 1036 page
background image
Chapter 7 Background Debug Module (S12XBDMV2)
MC9S12XE-Family Reference Manual Rev. 1.07
Freescale Semiconductor
289
7.4.4
Standard BDM Firmware Commands
Firmware commands are used to access and manipulate CPU resources. The system must be in active
BDM to execute standard BDM firmware commands, see Section 7.4.2, “Enabling and Activating BDM”.
Normal instruction execution is suspended while the CPU executes the firmware located in the standard
BDM firmware lookup table. The hardware command BACKGROUND is the usual way to activate BDM.
As the system enters active BDM, the standard BDM firmware lookup table and BDM registers become
visible in the on-chip memory map at 0x7FFF00–0x7FFFFF, and the CPU begins executing the standard
BDM firmware. The standard BDM firmware watches for serial commands and executes them as they are
received.
The firmware commands are shown in Table 7-6.
Table 7-5. Hardware Commands
Command
Opcode
(hex)
Data
Description
BACKGROUND
90
None
Enter background mode if firmware is enabled. If enabled, an ACK will be
issued when the part enters active background mode.
ACK_ENABLE
D5
None
Enable Handshake. Issues an ACK pulse after the command is executed.
ACK_DISABLE
D6
None
Disable Handshake. This command does not issue an ACK pulse.
READ_BD_BYTE
E4
16-bit address
16-bit data out
Read from memory with standard BDM firmware lookup table in map.
Odd address data on low byte; even address data on high byte.
READ_BD_WORD
EC
16-bit address
16-bit data out
Read from memory with standard BDM firmware lookup table in map.
Must be aligned access.
READ_BYTE
E0
16-bit address
16-bit data out
Read from memory with standard BDM firmware lookup table out of map.
Odd address data on low byte; even address data on high byte.
READ_WORD
E8
16-bit address
16-bit data out
Read from memory with standard BDM firmware lookup table out of map.
Must be aligned access.
WRITE_BD_BYTE
C4
16-bit address
16-bit data in
Write to memory with standard BDM firmware lookup table in map.
Odd address data on low byte; even address data on high byte.
WRITE_BD_WORD
CC
16-bit address
16-bit data in
Write to memory with standard BDM firmware lookup table in map.
Must be aligned access.
WRITE_BYTE
C0
16-bit address
16-bit data in
Write to memory with standard BDM firmware lookup table out of map.
Odd address data on low byte; even address data on high byte.
WRITE_WORD
C8
16-bit address
16-bit data in
Write to memory with standard BDM firmware lookup table out of map.
Must be aligned access.
NOTE:
If enabled, ACK will occur when data is ready for transmission for all BDM READ commands and will occur after the write is
complete for all BDM WRITE commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com