công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 274 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 274 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 270Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 271Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 272Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 273Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 274Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 275Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 276Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 277Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 278Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 1036 page
background image
Chapter 6 Interrupt (S12XINTV2)
MC9S12XE-Family Reference Manual , Rev. 1.07
274
Freescale Semiconductor
NOTE
Care must be taken to ensure that all exception requests remain active until
the system begins execution of the applicable service routine; otherwise, the
exception request may not get processed at all or the result may be a
spurious interrupt request (vector at address (vector base + 0x0010)).
6.4.5
Reset Exception Requests
The XINT module supports three system reset exception request types (for details please refer to the Clock
and Reset Generator module (CRG)):
1. Pin reset, power-on reset, low-voltage reset, or illegal address reset
2. Clock monitor reset request
3. COP watchdog reset request
6.4.6
Exception Priority
The priority (from highest to lowest) and address of all exception vectors issued by the XINT module upon
request by the CPU is shown in Table 6-10. Generally, all non-maskable interrupts have higher priorities
than maskable interrupts. Please note that between the three software interrupts (Unimplemented op-code
trap request, SWI/BGND request, SYS request) there is no real priority defined because they cannot occur
simultaneously (the S12XCPU executes one instruction at a time).
Table 6-10. Exception Vector Map and Priority
Vector Address1
1 16 bits vector address based
Source
0xFFFE
Pin reset, power-on reset, low-voltage reset, illegal address reset
0xFFFC
Clock monitor reset
0xFFFA
COP watchdog reset
(Vector base + 0x00F8)
Unimplemented op-code trap
(Vector base + 0x00F6)
Software interrupt instruction (SWI) or BDM vector request
(Vector base + 0x0012)
System call interrupt instruction (SYS)
(Vector base + 0x0018)
(reserved for future use)
(Vector base + 0x0016)
XGATE Access violation interrupt request2
2 only implemented if device features both a Memory Protection Unit (MPU) and an XGATE co-processor
(Vector base + 0x0014)
CPU Access violation interrupt request3
3 only implemented if device features a Memory Protection Unit (MPU)
(Vector base + 0x00F4)
XIRQ interrupt request
(Vector base + 0x00F2)
IRQ interrupt request
(Vector base +
0x00F0–0x001A)
Device specific I bit maskable interrupt sources (priority determined by the associated
configuration registers, in descending order)
(Vector base + 0x0010)
Spurious interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com