công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 254 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 254 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 250Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 251Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 252Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 253Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 254Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 255Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 256Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 257Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 258Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 1036 page
background image
Chapter 5 External Bus Interface (S12XEBIV4)
MC9S12XE-Family Reference Manual , Rev. 1.07
254
Freescale Semiconductor
Stretched accesses are controlled by:
1. EXSTR1[2:0] and EXSTR0[2:0] bits in the EBICTL1 register configuring a fixed amount of
stretch cycles individually for each CSx line in MMCCTL0
2. Activation of the external wait feature for each CSx line MMCCTL0 register
3. Assertion of the external EWAIT signal when at least one CSx line is configured for EWAIT
The EXSTRx[2:0] control bits can be programmed for generation of a fixed number of 1 to 8 stretch
cycles. If the external wait feature is enabled, the minimum number of additional stretch cycles is 2. An
arbitrary amount of stretch cycles can be added using the EWAIT input.
EWAIT needs to be asserted at least for a minimal specified time window within an external access cycle
for the internal logic to detect it and add a cycle (refer to electrical characteristics). Holding it for additional
cycles will cause the external bus access to be stretched accordingly.
Write accesses are stretched by holding the initiator in its current state for additional cycles as programmed
and controlled by external wait after the data have been driven out on the external bus. This results in an
extension of time the bus signals and the related control signals are valid externally.
Read data are not captured by the system in normal expanded mode until the specified setup time before
the RE rising edge.
Read data are not captured in emulation expanded mode until the specified setup time before the falling
edge of ECLK.
In emulation expanded mode, accesses to the internal flash or the emulation memory (determined by
EROMON and ROMON bits; see S12X_MMC section for details) always take 1 cycle and stretching is
not supported. In case the internal flash is taken out of the map in user applications, accesses are stretched
as programmed and controlled by external wait.
5.4.5
Data Select and Data Direction Signals
The S12X_EBI supports byte and word accesses at any valid external address. The big endian system of
the MCU is extended to the external bus; however, word accesses are restricted to even aligned addresses.
The only exception is the visibility of misaligned word accesses to addresses in the internal RAM as this
module exclusively supports these kind of accesses in a single cycle.
With the above restriction, a fixed relationship is implied between the address parity and the dedicated bus
halves where the data are accessed: DATA[15:8] is related to even addresses and DATA[7:0] is related to
odd addresses.
In expanded modes the data access type is externally determined by a set of control signals, i.e., data select
and data direction signals, as described below. The data select signals are not available if using the external
bus interface with an 8-bit data bus.
5.4.5.1
Normal Expanded Mode
In normal expanded mode, the external signals RE, WE, UDS, LDS indicate the access type (read/write),
data size and alignment of an external bus access (Table 5-18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com