công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 212 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 212 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 208Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 209Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 210Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 211Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 212Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 213Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 214Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 215Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 216Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 1036 page
background image
Chapter 3 Memory Mapping Control (S12XMMCV4)
MC9S12XE-Family Reference Manual , Rev. 1.07
212
Freescale Semiconductor
3.4.2.5
Memory Configuration
Two bits in the MMCCTL1 register (ROMHM, RAMHM) configure the mapping of the local address
(0x4000-0x7FFF) in the global memory map.
ROMHM, RAMHM are write once in normal and emulation modes and anytime in special modes.
Three areas are identified (See Figure 3-21):
•
Program FLASH (0x7F_4000-0x7F_7FFF) when ROMHM = 0.
•
External Space (0x14_4000-0x14_7FFF) when ROMHM = 1 and RAMHM = 0.
•
XSRAM Space (0x0F_C000-0x0F_FFFF) when ROMHM = 1 and RAMHM = 1.
Table 3-18 shows the translation from the local memory map to the global memory map taking in
consideration the different configurations of ROMHM and RAMHM.
Table 3-19 describes the application note of the RAM configuration and its dedicated global address.
Table 3-18. ROMHM and RAMHM Address Location
Local Address
ROMHM
RAMHM
Global Address
Location
0x4000 - 0x7FFF
0
X
0x7F_4000 - 0x7F_7FFF
Internal Flash
1
0
0x14_4000 - 0x14_7FFF
External Space
11
0x0F_C000 - 0x0F_FFFF
Bottom of the Implemented RAM
0x2000 - 0x3FFF
0x0F_A000 - 0x0F_BFFF
Fixed up to 8K RAM
0x2000 - 0x3FFF
1
0
0x0F_E000 - 0x0F_FFFF
Fixed up to 8K RAM
Table 3-19. RAM Configuration
phase
RPAGE
ROMHM
RAMHM
RAM AREA
Global Address
After reset
RPAGE = 0xFD
(Reset value)
0
0
12 Kilobytes
0x0F_D000 - 0x0F_FFFF
During setup
RPAGE = 0xFD
(Reset value)
1
1
24 Kilobytes
0x0F_A000 - 0x0F_FFFF
Normal Operation
(0x00 <= RPAGE <= 0xF9)
1
1
28 Kilobytes
0x00_0000 - 0x0F_9FFF
(0xFA <= RPAGE <= 0xFF)
1
1
24 Kilobytes
0x0F_A000 - 0x0F_FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com