| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM62A7 bảng dữ liệu(PDF) 151 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 bảng dữ liệu(HTML) 151 Page - Texas Instruments |
|
151 / 238 page ![]() GPMC_FCLK GPMC_CLK GPMC_CSn[i] GPMC_BE0n_CLE GPMC_BE1n GPMC_ADVn_ALE GPMC_OEn_REn GPMC_WAIT[j] Address (MSB) Valid Valid Address (LSB) Data IN Data IN FA0 FA9 FA10 FA3 FA13 FA29 FA1 FA37 FA12 FA4 FA10 FA0 FA5 GPMC_A[27:17] GPMC_AD[15:0] GPMC_10 A. In GPMC_CSn[i], i is equal to 0, 1, 2 or 3. In GPMC_WAIT[j], j is equal to 0 or 1. B. FA5 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data will be internally sampled by active functional clock edge. FA5 value must be stored inside AccessTime register bits field. C. GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. Figure 7-55. GPMC and Multiplexed NOR Flash — Asynchronous Read — Single Word www.ti.com AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 151 Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |