công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA3290P bảng dữ liệu(PDF) 82 Page - ATMEL Corporation

tên linh kiện ATMEGA3290P
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P bảng dữ liệu(HTML) 82 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 78Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 79Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 80Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 81Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 82Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 83Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 84Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 85Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 360 page
background image
82
8021A–AVR–12/06
ATmega329P/3290P
• TDO, ADC6 – Port F, Bit 6
ADC6, Analog to Digital Converter, Channel 6.
TDO, JTAG Test Data Out: Serial output data from Instruction Register or Data Register. When
the JTAG interface is enabled, this pin can not be used as an I/O pin. In TAP states that shift out
data, the TDO pin drives actively. In other states the pin is pulled high.
• TMS, ADC5 – Port F, Bit 5
ADC5, Analog to Digital Converter, Channel 5.
TMS, JTAG Test mode Select: This pin is used for navigating through the TAP-controller state
machine. When the JTAG interface is enabled, this pin can not be used as an I/O pin.
• TCK, ADC4 – Port F, Bit 4
ADC4, Analog to Digital Converter, Channel 4.
TCK, JTAG Test Clock: JTAG operation is synchronous to TCK. When the JTAG interface is
enabled, this pin can not be used as an I/O pin.
• ADC3 - ADC0 – Port F, Bit 3:0
Analog to Digital Converter, Channel 3:0.
Table 12-19. Overriding Signals for Alternate Functions in PF7:PF4
Signal Name
PF7/ADC7/TDI
PF6/ADC6/TDO
PF5/ADC5/TMS
PF4/ADC4/TCK
PUOE
JTAGEN
JTAGEN
JTAGEN
JTAGEN
PUOV
11
11
DDOE
JTAGEN
JTAGEN
JTAGEN
JTAGEN
DDOV
0
SHIFT_IR +
SHIFT_DR
00
PVOE
0
JTAGEN
00
PVOV
0TDO
00
PTOE
––
––
DIEOE
JTAGEN
JTAGEN
JTAGEN
JTAGEN
DIEOV
0
0
0
0
DI
––
––
AIO
TDI
ADC7 INPUT
ADC6 INPUT
TMS
ADC5 INPUT
TCK
ADC4 INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com