công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA3290P bảng dữ liệu(PDF) 74 Page - ATMEL Corporation

tên linh kiện ATMEGA3290P
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P bảng dữ liệu(HTML) 74 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 70Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 71Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 72Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 73Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 74Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 75Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 76Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 77Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 360 page
background image
74
8021A–AVR–12/06
ATmega329P/3290P
• OC1B/PCINT14, Bit 6
OC1B, Output Compare Match B output: The PB6 pin can serve as an external output for the
Timer/Counter1 Output Compare B. The pin has to be configured as an output (DDB6 set (one))
to serve this function. The OC1B pin is also the output pin for the PWM mode timer function.
PCINT14, Pin Change Interrupt Source 14: The PB6 pin can serve as an external interrupt
source.
• OC1A/PCINT13, Bit 5
OC1A, Output Compare Match A output: The PB5 pin can serve as an external output for the
Timer/Counter1 Output Compare A. The pin has to be configured as an output (DDB5 set (one))
to serve this function. The OC1A pin is also the output pin for the PWM mode timer function.
PCINT13, Pin Change Interrupt Source 13: The PB5 pin can serve as an external interrupt
source.
• OC0A/PCINT12, Bit 4
OC0A, Output Compare Match A output: The PB4 pin can serve as an external output for the
Timer/Counter0 Output Compare A. The pin has to be configured as an output (DDB4 set (one))
to serve this function. The OC0A pin is also the output pin for the PWM mode timer function.
PCINT12, Pin Change Interrupt Source 12: The PB4 pin can serve as an external interrupt
source.
• MISO/PCINT11 – Port B, Bit 3
MISO: Master Data input, Slave Data output pin for SPI. When the SPI is enabled as a Master,
this pin is configured as an input regardless of the setting of DDB3. When the SPI is enabled as
a Slave, the data direction of this pin is controlled by DDB3. When the pin is forced to be an
input, the pull-up can still be controlled by the PORTB3 bit.
PCINT11, Pin Change Interrupt Source 11: The PB3 pin can serve as an external interrupt
source.
• MOSI/PCINT10 – Port B, Bit 2
MOSI: SPI Master Data output, Slave Data input for SPI. When the SPI is enabled as a Slave,
this pin is configured as an input regardless of the setting of DDB2. When the SPI is enabled as
a Master, the data direction of this pin is controlled by DDB2. When the pin is forced to be an
input, the pull-up can still be controlled by the PORTB2 bit.
PCINT10, Pin Change Interrupt Source 10: The PB2 pin can serve as an external interrupt
source.
• SCK/PCINT9 – Port B, Bit 1
SCK: Master Clock output, Slave Clock input pin for SPI. When the SPI is enabled as a Slave,
this pin is configured as an input regardless of the setting of DDB1. When the SPI is enabled as
a Master, the data direction of this pin is controlled by DDB1. When the pin is forced to be an
input, the pull-up can still be controlled by the PORTB1 bit.
PCINT9, Pin Change Interrupt Source 9: The PB1 pin can serve as an external interrupt source.
•SS/PCINT8 – Port B, Bit 0
SS: Slave Port Select input. When the SPI is enabled as a Slave, this pin is configured as an
input regardless of the setting of DDB0. As a Slave, the SPI is activated when this pin is driven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com