công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA3290P bảng dữ liệu(PDF) 80 Page - ATMEL Corporation

tên linh kiện ATMEGA3290P
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P bảng dữ liệu(HTML) 80 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 76Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 77Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 78Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 79Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 80Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 81Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 82Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 83Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 360 page
background image
80
8021A–AVR–12/06
ATmega329P/3290P
• XCK/AIN0/PCINT2 – Port E, Bit 2
XCK, USART0 External Clock. The Data Direction Register (DDE2) controls whether the clock is
output (DDE2 set) or input (DDE2 cleared). The XCK pin is active only when the USART0 oper-
ates in synchronous mode.
AIN0 – Analog Comparator Positive input. This pin is directly connected to the positive input of
the Analog Comparator.
PCINT2, Pin Change Interrupt Source 2: The PE2 pin can serve as an external interrupt source.
• TXD/PCINT1 – Port E, Bit 1
TXD0, UART0 Transmit pin.
PCINT1, Pin Change Interrupt Source 1: The PE1 pin can serve as an external interrupt source.
• RXD/PCINT0 – Port E, Bit 0
RXD, USART0 Receive pin. Receive Data (Data input pin for the USART0). When the USART0
Receiver is enabled this pin is configured as an input regardless of the value of DDE0. When the
USART0 forces this pin to be an input, a logical one in PORTE0 will turn on the internal pull-up.
PCINT0, Pin Change Interrupt Source 0: The PE0 pin can serve as an external interrupt source.
Table 12-16 and Table 12-17 relates the alternate functions of Port E to the overriding signals
shown in Figure 12-5 on page 70.
Note:
1. CKOUT is one if the CKOUT Fuse is programmed
Table 12-16. Overriding Signals for Alternate Functions PE7:PE4
Signal Name
PE7/PCINT7
PE6/DO/
PCINT6
PE5/DI/SDA/
PCINT5
PE4/USCK/SCL/
PCINT4
PUOE
0
0
USI_TWO-WIRE
USI_TWO-WIRE
PUOV
0000
DDOE
CKOUT(1)
0
USI_TWO-WIRE
USI_TWO-WIRE
DDOV
1
0
(SDA + PORTE5) •
DDE5
(USI_SCL_HOLD
+ PORTE4) •
DDE4
PVOE
CKOUT(1)
USI_THREE-
WIRE
USI_TWO-WIRE •
DDE5
USI_TWO-WIRE •
DDE4
PVOV
clk
I/O
DO
0
0
PTOE
––0USITC
DIEOE
PCINT7 • PCIE0
PCINT6 • PCIE0
(PCINT5 • PCIE0)
+ USISIE
(PCINT4 • PCIE0)
+ USISIE
DIEOV
1111
DI
PCINT7 INPUT
PCINT6 INPUT
DI/SDA INPUT
PCINT5 INPUT
USCKL/SCL
INPUT
PCINT4 INPUT
AIO
––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com