| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8812U/2 bảng dữ liệu(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8812U/2 bảng dữ liệu(HTML) 23 Page - NXP Semiconductors |
|
23 / 36 page ![]() 2000 Nov 22 23 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver PCF8812 16 RESET 17 APPLICATION INFORMATION Table 7 Programming example for PCF8812 STEP SERIAL BUS BYTE DISPLAY OPERATION D/C DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 1 start SCE is going low 2 0 0 0 1 0 0 0 0 1 function set; PD = 0, V = 0; select extended instruction set (H = 1 mode) 3 0 0 0 0 1 0 0 0 1 set charge pump range HIGH PRS = 1 4 0 10011100 set VOP;VOP is set to 7.6 V 5 0 0 0 1 0 0 0 0 0 function set; PD = 0; V = 0; select normal instruction set (H = 0 mode) 6 0 0 0 0 0 1 1 0 0 display control; set normal mode (D = 1; E = 0). 7 1 1 1 1 1 1 0 0 0 data write; Y and X are initialized to 0 by default, so they aren’t set here handbook, full pagewidth MGT646 tVHRL tRW tRW tRW tRW RES VDD RES VDD Fig.16 Reset timing. MGS405 |