| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8812U/2 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8812U/2 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 36 page ![]() 2000 Nov 22 9 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver PCF8812 9 ADDRESSING Data is downloaded in bytes into the RAM matrix of the PCF8812 as indicated in Figs.3, 4, 5 and 6. The display RAM has a matrix of 65 × 102 bits. The columns are addressed by the address pointer. The address ranges are: X0 to X101 (1100101) and Y0 to Y8 (1000). Addresses outside of these ranges are not allowed. In vertical addressing mode (V = 1) the Y address increments after each byte (see Fig.6). After the last Y address (Y = 8) Y wraps around to 0 and X increments to address the next column. In horizontal addressing mode (V = 0) the X address increments after each byte (see Fig.5). After the last X address (X = 101) X wraps around to 0 and Y increments to address the next row. After the very last address (X = 101 and Y = 8) the address pointers wrap around to address (X = 0 and Y = 0). 9.1 Data structure handbook, full pagewidth MGT638 0 8 0 101 X address Y address MSB LSB MSB LSB Fig.4 RAM format addressing. handbook, full pagewidth MGS397 09 110 2 3 4 5 6 7 8 0 8 917 0 101 X address Y address Fig.5 Sequence of writing data bytes into RAM with vertical addressing (V = 1). |