| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCD5096 bảng dữ liệu(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD5096 bảng dữ liệu(HTML) 45 Page - NXP Semiconductors |
|
45 / 52 page ![]() 1997 Jan 22 45 Philips Semiconductors Preliminary specification Universal codec PCD5096 Table 47 Speech codec Vref1 and Vref2 are tuned to 2.0 V. Typical values for the A/D and D/A filter characteristics conform to the G.712 specification. SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT Vi(MIC1) MIC input level (Codec 1) note 1 −− −22 dBm Vi(MIC_HS) handset MIC input level (Codec 2) note 1 −− −22 dBm Vi(MIC_HF) hands-free MIC input level (Codec 2) note 1 −− −22 dBm Ri(MIC1)(dm) MIC input resistance differential mode seen across MICP1 and MICM1 − 200 − k Ω Ri(MIC_HS)(dm) handset MIC input resistance differential mode seen across MICP_HS and MICM_HS − 200 − k Ω Ri(MIC_HF)(dm) hands-free MIC input resistance differential mode seen across MICP_HF and MICM_HF − 200 − k Ω Ri(MIC1)(cm) MIC input resistance common mode seen between MICP1 (or MICM1) and VSSA_1 − 500 − k Ω Ri(MIC_HS)(cm) handset MIC input resistance common mode seen between MICP_HS (or MICM_HS) and VSSA_2 − 500 − k Ω Ri(MIC-HF)(cm) hands-free MIC input resistance common mode seen between MICP_HF (or MICM_HF) and VSSA_2 − 500 − k Ω Vi(LIF_AD1) LIF input level (Codec 1) note 2 −− −6 dBm Vi(LIF_AD2) LIF input level (Codec 2) note 2 −− −6 dBm Ri(LIF_AD1)(dm) LIF input resistance differential mode seen across LIFP_AD1 and LIFM_AD1 − 30 − k Ω Ri(LIF_AD2)(dm) LIF input resistance differential mode seen across LIFP_AD2 and LIFM_AD2 − 30 − k Ω Ri(LIF_AD1)(cm) LIF input resistance common mode seen between LIFP_AD1 (or LIFM_AD1) and VSSA_1 − 15 − k Ω Ri(LIF_AD2)(cm) input resistance common mode seen between LIFP_AD2 (or LIFM_AD2) and VSSA_2 − 15 − k Ω |