| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VT8235 bảng dữ liệu(PDF) 63 Page - VIA Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
VT8235 bảng dữ liệu(HTML) 63 Page - VIA Technologies, Inc. |
|
63 / 145 page ![]() VT8235 V-Link South Bridge Revision 1.22 October 24, 2002 -57- Device 16 Function 2 USB UHCI Registers for Ports 4-5 UrpuytvrÃDp XrÃ8rp USB I/O Registers These registers are compliant with the UHCI v1.1 standard. Refer to the UHCI v1.1 specification for further details. I/O Offset 1-0 - USB Command I/O Offset 3-2 - USB Status I/O Offset 5-4 - USB Interrupt Enable I/O Offset 7-6 - Frame Number I/O Offset B-8 - Frame List Base Address I/O Offset 0C - Start Of Frame Modify I/O Offset 11-10 - Port 0 Status / Control I/O Offset 13-12 - Port 1 Status / Control |