công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L320ML12PI bảng dữ liệu(PDF) 42 Page - Advanced Micro Devices

tên linh kiện L320ML12PI
Giải thích chi tiết về linh kiện  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

L320ML12PI bảng dữ liệu(HTML) 42 Page - Advanced Micro Devices

Back Button L320ML12PI Datasheet HTML 38Page - Advanced Micro Devices L320ML12PI Datasheet HTML 39Page - Advanced Micro Devices L320ML12PI Datasheet HTML 40Page - Advanced Micro Devices L320ML12PI Datasheet HTML 41Page - Advanced Micro Devices L320ML12PI Datasheet HTML 42Page - Advanced Micro Devices L320ML12PI Datasheet HTML 43Page - Advanced Micro Devices L320ML12PI Datasheet HTML 44Page - Advanced Micro Devices L320ML12PI Datasheet HTML 45Page - Advanced Micro Devices L320ML12PI Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
40
Am29LV320MH/L
26517B4 January 31, 2007
D A TA
SH EE T
AC CHARACTERISTICS
Read-Only Operations
Notes:
1. Not 100% tested.
2. See Figure 12 and Table 13 for test specifications.
3. AC specifications listed are tested with VIO = VCC. Contact AMD for information on AC operation VIO
≠ VCC.
Parameter
Description
Test Setup
Speed Options
JEDEC Std.
90R
101,
101R
112R
112
120R
120
Unit
tAVAV
tRC Read Cycle Time (Note 1)
Min
90
100
110
120
ns
tAVQV
tACC Address to Output Delay
CE#, OE#
= V
IL
Max
90
100
110
120
ns
t
ELQV
t
CE
Chip Enable to Output Delay
OE# = V
IL
Max
90
100
110
120
ns
t
PACC Page Access Time
Max
253030403040
ns
t
GLQV
t
OE
Output Enable to Output Delay
Max
253030403040
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Note 1)
Max
16
ns
t
GHQZ
t
DF
Output Enable to Output High Z
(Note 1)
Max
16
ns
tAXQX
tOH
Output Hold Time From Addresses,
CE# or OE#, Whichever Occurs First
Min
0
ns
tOEH
Output Enable
Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tOH
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF
Figure 14.
Read Operation Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com