công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L320ML12PI bảng dữ liệu(PDF) 40 Page - Advanced Micro Devices

tên linh kiện L320ML12PI
Giải thích chi tiết về linh kiện  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

L320ML12PI bảng dữ liệu(HTML) 40 Page - Advanced Micro Devices

Back Button L320ML12PI Datasheet HTML 36Page - Advanced Micro Devices L320ML12PI Datasheet HTML 37Page - Advanced Micro Devices L320ML12PI Datasheet HTML 38Page - Advanced Micro Devices L320ML12PI Datasheet HTML 39Page - Advanced Micro Devices L320ML12PI Datasheet HTML 40Page - Advanced Micro Devices L320ML12PI Datasheet HTML 41Page - Advanced Micro Devices L320ML12PI Datasheet HTML 42Page - Advanced Micro Devices L320ML12PI Datasheet HTML 43Page - Advanced Micro Devices L320ML12PI Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
38
Am29LV320MH/L
26517B4 January 31, 2007
D A TA
SH EE T
DC CHARACTERISTICS
CMOS Compatible
Notes:
1. On the WP#/ACC pin only, the maximum input load current when WP# = VIL is ± 5.0 µA.
2. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH.
3. Maximum I
CC specifications are tested with VCC = VCCmax.
4. I
CC active while Embedded Erase or Embedded Program is in progress.
5. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns. TIf VIO < VCC, maximum VIL
for CE# and DQ I/Os is 0.3 V
IO. If VIO < VCC, minimum VIH for CE# and DQ I/Os is 0.7 VIO. Maximum VIH for these connections is
V
IO + 0.3 V
6. V
CC voltage requirements.
7. VIO voltage requirements.
8. Not 100% tested.
9. Includes RY/BY#
Parameter
Symbol
Parameter Description
(Notes)
Test Conditions
Min
Typ
Max
Unit
I
LI
Input Load Current (1)
V
IN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9, ACC Input Load Current
VCC = VCC max; A9 = 12.5 V
35
µA
ILR
Reset Leakage Current
V
CC = VCC max; RESET# = 12.5 V
35
µA
I
LO
Output Leakage Current
V
OUT = VSS to VCC,
VCC = VCC max
±1.0
µA
I
CC1
VCC Active Read Current
(2, 3)
CE# = V
IL, OE# = VIH,
5 MHz
3
34
mA
1 MHz
13
43
I
CC2
V
CC Initial Page Read Current (2, 3)
CE# = V
IL, OE# = VIH
1 MHz
4
50
mA
10 MHz
40
80
I
CC3
V
CC Intra-Page Read Current (2, 3)
CE# = V
IL, OE# = VIH
10 MHz
3
20
33 MHz
6
40
mA
ICC4
VCC Active Write Current (3, 4)
CE# = VIL, OE# = VIH
50
60
mA
I
CC5
V
CC Standby Current (3)
CE#, RESET# = VCC ± 0.3 V,
WP# = V
IH
15
µA
I
CC6
V
CC Reset Current (3)
RESET# = V
SS ± 0.3 V, WP# = VIH
15
µA
ICC7
Automatic Sleep Mode (3, 5)
V
IH = VCC ± 0.3 V;
V
IL = VSS ± 0.3 V, WP# = VIH
15
µA
VIL1
Input Low Voltage 1(5, 6)
–0.5
0.8
V
VIH1
Input High Voltage 1 (5, 6)
1.9
VCC + 0.5
V
VIL2
Input Low Voltage 2 (5, 7)
–0.5
0.3 x VIO
V
VIH2
Input High Voltage 2 (5, 7)
1.9
VIO + 0.5
V
V
HH
Voltage for ACC Program
Acceleration
V
CC = 2.7 –3.6 V
11.5
12.5
V
VID
Voltage for Autoselect and Temporary
Sector Unprotect
VCC = 2.7 –3.6 V
11.5
12.5
V
V
OL
Output Low Voltage
I
OL = 4.0 mA, VCC = VCC min = VIO
0.15 x V
IO
V
V
OH1
Output High Voltage
I
OH = –2.0 mA, VCC = VCC min = VIO
0.85 V
IO
V
V
OH2
I
OH = –100 µA, VCC = VCC min = VIO
V
IO–0.4
V
V
LKO
Low V
CC Lock-Out Voltage (8)
2.3
2.5
V
V
IL1
Input Low Voltage 1(5, 6)
–0.5
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com