| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L320ML12PI bảng dữ liệu(PDF) 19 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
L320ML12PI bảng dữ liệu(HTML) 19 Page - Advanced Micro Devices |
|
19 / 59 page ![]() January 31, 2007 26517B4 Am29LV320MH/L 17 D A TA SH EET Write Protect (WP#) The Write Protect function provides a hardware method of protecting the first or last sector without using V ID. Write Protect is one of two functions pro- vided by the WP#/ACC input. If the system asserts V IL on the WP#/ACC pin, the de- vice disables program and erase functions in the first or last sector independently of whether those sectors were protected or unprotected using the method de- scribed in “Sector Group Protection and Unprotection”. Note that if WP#/ACC is at V IL when the device is in the standby mode, the maximum input load current is increased. See the table in “DC Characteristics”. If the system asserts V IH on the WP#/ACC pin, the de- vice reverts to whether the first or last sector was pre- viously set to be protected or unprotected using the method described in “Sector Group Protection and Unprotection”. Note: No external pullup is necessary since the WP#/ACC pin has internal pullup to V CC. Temporary Sector Group Unprotect (Note: In this device, a sector group consists of four adjacent sectors that are protected or unprotected at the same time (see Table 4). This feature allows temporary unprotection of previ- ously protected sector groups to change data in-sys- tem. The Sector Group Unprotect mode is activated by setting the RESET# pin to V ID. During this mode, for- merly protected sector groups can be programmed or erased by selecting the sector group addresses. Once V ID is removed from the RESET# pin, all the previously protected sector groups are protected again. Figure 1 shows the algorithm, and Figure 23 shows the timing diagrams, for this feature. Figure 1. Temporary Sector Group Unprotect Operation START Perform Erase or Program Operations RESET# = VIH Temporary Sector Group Unprotect Completed (Note 2) RESET# = V ID (Note 1) Notes: 1. All protected sector groups unprotected (If WP# = VIL, the first or last sector will remain protected). 2. All previously protected sector groups are protected once again. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |