| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM263P4 bảng dữ liệu(PDF) 80 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 bảng dữ liệu(HTML) 80 Page - Texas Instruments |
|
80 / 154 page ![]() 6.8.7 Safety Comparators PARAMETER MIN TYP MAX UNIT C0 C0: 1.8-V Monitor Threshold 1.40 1.5 1.6 V C1 BGAP Monitor Lower Threshold 0.75 0.8 0.85 V Upper Threshold 0.935 1 1.065 V C2 Monitors 1.8-V Supply vs BGAP Lower Threshold 1.47 1.52 1.57 V Upper Threshold 2.13 2.195 2.26 V C3 Monitors 1.2-V vs BGAP Lower Threshold 0.98 1.011 1.041 V Upper Threshold 1.407 1.451 1.494 V C4 Vref Monitor (ROK0) Lower Threshold 1.56 1.61 1.66 V Upper Threshold 2.09 2.16 2.22 V C5 Monitors IO Bias Supply vs BGAP Lower Threshold 1.47 1.52 1.57 V Upper Threshold 2.13 2.195 2.26 V C6 Vref Monitor (ROK0B) Lower Threshold 1.56 1.61 1.66 V Upper Threshold 2.09 2.16 2.22 V C7 System Supply Monitor (VSYS_MON) Lower Threshold 0.873 0.9 0.927 V C8 UnderVoltage Threshold 2.59 2.77 2.95 V C9 Vref Monitor (ROK1) Lower Threshold 1.56 1.61 1.66 V Upper Threshold 2.09 2.16 2.22 V TI Information - Selective Disclosure AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 www.ti.com 80 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated |