| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM263P4 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 154 page ![]() (10) Applies to devices in the ZCZ-S Package only and have a Special Features code of F or S. Refer to the Nomenclature Description table for definition of Special Features codes. (11) Each R5FSS cluster supports 256-KB of Tightly-Coupled Memory (TCM). When configured as Single-Core or Lockstep operating mode, individual cores can utilize the entire 256-KB of TCM memory, while in Dual-Core mode, each core may only utilize its designated half (128-KB TCM). TI Information - Selective Disclosure AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 www.ti.com 8 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated |