| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM263P4 bảng dữ liệu(PDF) 66 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 bảng dữ liệu(HTML) 66 Page - Texas Instruments |
|
66 / 154 page ![]() Table 5-110. UART1 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] UART1_DTRn O UART Data Terminal Ready (Active Low) K1, K3 K1, K3 UART1_RIn I UART Ring Indicator K4, N4 K4, N4 UART1_RTSn O UART Request to Send (active low) B12, J2 B12, J2 UART1_RXD I UART Receive Data A9, L3 A9, L3 UART1_TXD O UART Transmit Data B9, M3 B9, M3 Table 5-111. UART2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] UART2_CTSn I UART Clear to Send (active low) H1 H1 UART2_RTSn O UART Request to Send (active low) A12, J3, R3 A12, J3, R3 UART2_RXD I UART Receive Data B5, B8 B5, B8 UART2_TXD O UART Transmit Data A3, A8 A3, A8 Table 5-112. UART3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] UART3_CTSn I UART Clear to Send (active low) K2, N2 K2, N2 UART3_RTSn O UART Request to Send (active low) A2, J1 A2, J1 UART3_RXD I UART Receive Data C11, D15 C11, D15 UART3_TXD O UART Transmit Data A11, C15 A11, C15 Table 5-113. UART4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] UART4_CTSn I UART Clear to Send (active low) A14 A14 UART4_RTSn O UART Request to Send (active low) B14 B14 UART4_RXD I UART Receive Data A10, D11, H2 A10, D11, H2 UART4_TXD O UART Transmit Data C12, C9, G3 C12, C9, G3 Table 5-114. UART5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] UART5_CTSn I UART Clear to Send (active low) D13 D13 UART5_RTSn O UART Request to Send (active low) A16 A16 UART5_RXD I UART Receive Data A15, C13, D9, R16 A15, C13, D9 UART5_TXD O UART Transmit Data B10, B15, P15 B10, B15 5.3.23 XBAR Table 5-115. Output XBAR Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] XBAROUT0 O OUTPUTXBAR Signal 0 R3 R3 XBAROUT1 O OUTPUTXBAR Signal 1 C9 C9 XBAROUT2 O OUTPUTXBAR Signal 2 A10 A10 XBAROUT3 O OUTPUTXBAR Signal 3 B10 B10 XBAROUT4 O OUTPUTXBAR Signal 4 D9 D9 XBAROUT5 O OUTPUTXBAR Signal 5 A9 A9 XBAROUT6 O OUTPUTXBAR Signal 6 B9 B9 XBAROUT7 O OUTPUTXBAR Signal 7 D7 D7 XBAROUT8 O OUTPUTXBAR Signal 8 C8 C8 XBAROUT9 O OUTPUTXBAR Signal 9 C7 C7 XBAROUT10 O OUTPUTXBAR Signal 10 B7 B7 TI Information - Selective Disclosure AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 www.ti.com 66 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated |