| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM263P4 bảng dữ liệu(PDF) 51 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 bảng dữ liệu(HTML) 51 Page - Texas Instruments |
|
51 / 154 page ![]() Table 5-33. EPWM12 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM12_A O EPWM Output A K2, N2 K2, N2 EPWM12_B O EPWM Output B J1, J4, N1 J1, J4, N1 Table 5-34. EPWM13 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM13_A O EPWM Output A K4, N4 K4, N4 EPWM13_B O EPWM Output B K1, K3 K1, K3 Table 5-35. EPWM14 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM14_A O EPWM Output A R17, V17 R17 EPWM14_B O EPWM Output B N18, T16 N18 Table 5-36. EPWM15 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM15_A O EPWM Output A P15, P16 P16 EPWM15_B O EPWM Output B M18, P16, R16 M18, P16 Table 5-37. EPWM16 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM16_A O EPWM Output A B18, L3 B18, L3 EPWM16_B O EPWM Output B B17, M3 B17, M3 Table 5-38. EPWM17 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM17_A O EPWM Output A B6 B6 EPWM17_B O EPWM Output B A4 A4 Table 5-39. EPWM18 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM18_A O EPWM Output A B5 B5 EPWM18_B O EPWM Output B B4 B4 Table 5-40. EPWM19 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM19_A O EPWM Output A A3 A3 EPWM19_B O EPWM Output B A2 A2 Table 5-41. EPWM20 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM20_A O EPWM Output A C6 C6 EPWM20_B O EPWM Output B A5 A5 Table 5-42. EPWM21 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM21_A O EPWM Output A L17 L17 EPWM21_B O EPWM Output B L18 L18 TI Information - Selective Disclosure www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 51 |