| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F14X bảng dữ liệu(PDF) 66 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F14X bảng dữ liệu(HTML) 66 Page - Texas Instruments |
|
66 / 83 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2022 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples MSP430F133IPAG ACTIVE TQFP PAG 64 160 RoHS & Green NIPDAU Level-4-260C-72 HR -40 to 85 M430F133 Samples MSP430F133IPM ACTIVE LQFP PM 64 160 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F133 Samples MSP430F133IPMR ACTIVE LQFP PM 64 1000 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F133 Samples MSP430F133IRTDT ACTIVE VQFN RTD 64 250 RoHS & Green SN Level-3-260C-168 HR -40 to 85 M430F133 Samples MSP430F135IPAG ACTIVE TQFP PAG 64 160 RoHS & Green NIPDAU Level-4-260C-72 HR -40 to 85 M430F135 REV # Samples MSP430F135IPM ACTIVE LQFP PM 64 160 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F135 REV # Samples MSP430F135IPMR ACTIVE LQFP PM 64 1000 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F135 REV # Samples MSP430F135IRTDR ACTIVE VQFN RTD 64 2500 RoHS & Green SN Level-3-260C-168 HR -40 to 85 M430F135 Samples MSP430F135IRTDT ACTIVE VQFN RTD 64 250 RoHS & Green SN Level-3-260C-168 HR -40 to 85 M430F135 Samples MSP430F1471IPM ACTIVE LQFP PM 64 160 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F1471 REV # Samples MSP430F1471IPMR ACTIVE LQFP PM 64 1000 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F1471 REV # Samples MSP430F1471IRTDT ACTIVE VQFN RTD 64 250 RoHS & Green SN Level-3-260C-168 HR -40 to 85 M430F1471 Samples MSP430F147IPAG ACTIVE TQFP PAG 64 160 RoHS & Green NIPDAU Level-4-260C-72 HR -40 to 85 M430F147 REV # Samples MSP430F147IPM ACTIVE LQFP PM 64 160 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F147 REV # Samples MSP430F147IPMR ACTIVE LQFP PM 64 1000 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F147 REV # Samples MSP430F147IPMR-KAM ACTIVE LQFP PM 64 1000 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F147 REV # Samples MSP430F147IPMRG4 ACTIVE LQFP PM 64 1000 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F147 REV # Samples MSP430F147IRTDR ACTIVE VQFN RTD 64 2500 RoHS & Green SN Level-3-260C-168 HR -40 to 85 M430F147 Samples Addendum-Page 1 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |