| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT83SND2CMP3B bảng dữ liệu(PDF) 145 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND2CMP3B bảng dữ liệu(HTML) 145 Page - ATMEL Corporation |
|
145 / 241 page ![]() 145 4341F–MP3–03/06 AT8xC51SND2C/MP3B which is set every time CBUSY toggles, i.e. when the card enters and exits its busy state. This flag may generate an MMC interrupt request as detailed in Section "Interrupt", page 148. Figure 18-16. Data Stream Transmission Flows Send STOP Command Data Stream Transmission Start Transmission DATEN = 1 DATEN = 0 FIFO Empty? F1EI or F2EI = 1? FIFO Filling write 8 data to MMDAT No More Data To Send? FIFOs Filling write 16 data to MMDAT a. Polling mode Data Stream Initialization FIFOs Filling write 16 data to MMDAT Data Stream Transmission ISR FIFO Filling write 8 data to MMDAT Send STOP Command No More Data To Send? b. Interrupt mode FIFO Empty? F1EI or F2EI = 1? Start Transmission DATEN = 1 DATEN = 0 Unmask FIFOs Empty F1EM = 0 F2EM = 0 Mask FIFOs Empty F1EM = 1 F2EM = 1 |