công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM9705SEFT/V bảng dữ liệu(PDF) 51 Page - Wolfson Microelectronics plc

tên linh kiện WM9705SEFT/V
Giải thích chi tiết về linh kiện  Multimedia AC??7 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFT/V bảng dữ liệu(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM9705SEFT/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 55Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.4 August 2006
51
Setting PRP[1:0] to 00 will power off the digitiser and and pen down detection. PENDET will not
toggle on pen down.
Provision of the PENDET flag as well as the the AC link wake up procedure allows controllers that
might not be full AC link compliant to still operate in this way, by monitoring the change in state of
PENDET and using that signal as a wake-up flag.
AUXILIARY CONVERSIONS
As previously described, auxiliary conversion may be performed by setting the ADR[2-0] address
to the chosen input pin. Two completely dedicated input pins, AUXADC and BMON, and 2 shared
inputs (PHONE, PCBEEP) may be selected as inputs to the ADC. The PHONE and PCBEEP
inputs are normally still available as regular analogue inputs to the mixer path, and as such
present a typical 100k input impedance (with respect to mid-rail). However, in the event that these
analogue inputs are not required, and there is a need to use these inputs as high impedance
auxiliary inputs, then setting bit 6, PHIZ, in register 78h disconnects the internal PHONE and
PCBEEP paths, so making these inputs into high impedance ADC inputs only. The signal paths
from PHONE or PCBEEP to the MIXER are disconnected in this mode.
Inputs to the AUXADC input should never exceed supply rails.
The ADC uses the AVDD1 and AGND1 supplies as it’s references, therefore conversions of
AUXADC or BMON inputs are ratioed to these supplies; if they are inaccurate then the conversion
may be inaccurate in absolute values.
If co-ordinate (COO set) or continuous (CTC set) conversion modes are chosen, then auxiliary
conversions are performed amongst the cycle of screen drives and conversions.
In POLL (POLL set) mode, single auxiliary conversions may be performed. This cycle may be
repeated to allow relatively high conversion rates to be applied to a single channel if required.
In this case, setting the DEL[3-0] value to 15, and the ADR[2-0] value to the required channel will
permanently connect that channel input to the ADC input. In this way maximum cycle time for
conversion may be achieved, by instructing POLL and reading the ADC result on alternate AC link
frames. This gives a maximum conversion rate of 24k samples per second from 1 channel.
Alternatively continuous mode (CTC = ‘1’) may be used to automatically generate conversion
samples a the highest rate. The conversion rate control bits CTR[1-0] will limit this rate unless
DEL[3-0] is set to 15. Then CTR[1-0] sets conversion rates of 1, 2, 4, 6 frames per sample. In this
case up to one conversion is made per AC link frame, giving sample rates of 8, 12, 24 or 48ks/s.
It is recommended that in this case the SLOT method of transferring data is used.
Inputs to the BMON battery monitoring input are allowed to be more positive than the AVdd
supply rail, up to a maximum of 6.5Volts (total). This allows a battery of voltage greater than the
AVdd supply to be monitored by the ADC without need for an external resistive divider. An internal
divide by three consisting of a 20k and a 10k resistor in series, is switched onto the BMON pin
whenever a conversion on this input is requested. Therefore current is consumed from the BMON
input during the battery monitoring conversion process, but not at any other time. A series switch
disconnects the divider from the negative internal supply when conversions are not being
requested. Because of the internal divide by 3, inputs to the BMON pin are therefore converted
with a digital output gain 1/3
rd that of the other AUXADC input
The input impedance of the BMON input is 30k to ground WHEN the ADC is sampling, or hi-Z
when it's not. When a BMON sample is requested the ADC samples the battery for a minimum of
two frames. Inherent in this conversion is the delay state, set in register 7h bits 4-7 (DEL [3:0]),
the lowest value of this delay is 0 which will introduce a delay of one frame, thus the minimum
number of 2 frames for a conversion. If the BMON conversion is part of a set of conversions the
delay state set for the series of conversions will be inherited by the BMON conversion. The
minimum time the battery can see the 30k is 512 BCLKs or 41.6 us.
In order to have an equivalent resistance of greater than 1M
Ω the battery should be sampled no
more than once every 67 frames.
30000
2
_
_
_
_
_
_
×
=
samples
between
frames
of
Number
R
Input
Effective



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com